Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3410 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TCS3410
Description  Universal Ambient Light RGB Sensor with Selective Flicker Detection for Use Behind OLED Displays or Auxiliary to Camera
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3410 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TCS3410 Datasheet HTML 28Page - OSRAM GmbH TCS3410 Datasheet HTML 29Page - OSRAM GmbH TCS3410 Datasheet HTML 30Page - OSRAM GmbH TCS3410 Datasheet HTML 31Page - OSRAM GmbH TCS3410 Datasheet HTML 32Page - OSRAM GmbH TCS3410 Datasheet HTML 33Page - OSRAM GmbH TCS3410 Datasheet HTML 34Page - OSRAM GmbH TCS3410 Datasheet HTML 35Page - OSRAM GmbH TCS3410 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
Datasheet, Public
Page 31
[v3-00] 2022-Dec-10
Document Feedback
TCS3410 − Register Overview
ALS_STATUS3 Register
Figure 36:
ALS_STATUS3
Note(s):
1. Return to the Register Map (0x9C).
STATUS2 Register
Figure 37:
STATUS2
Note(s):
1. Return to the Register Map (0x9D).
Addr: 0x9C
ALS_STATUS3
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3:0
ALS_DATA2_GAIN_STATUS
0
R
Contains gain for data in ALS_DATA2 registers.
Addr: 0x9D
STATUS2
Bit
Field
Reset
Type
Bit Description
7Reserved
0
R
6
ALS_DATA_
VALID
0R
ALS Data Valid. Indicates that the ALS state has completed a
cycle since either an assertion of AEN or the last readout of the
ALS_STATUS register.
5Reserved
0
R
4
ALS_DIGITAL_
SATURATION
0R
ALS Digital Saturation. Indicates that a counter value has
been reached that cannot be expressed with the selected data
format defined with ALS_MSB_POSITION. Maximum counter
value also depends on integration time set in the ATIME
register.
3
FD_DIGITAL_
SATURATION
0R
Flicker Detect Digital Saturation. Indicates that the
maximum counter value has been reached during flicker
detection
2
MOD_
ANALOG_
SATURATION2
0R
ALS Analog Saturation of modulator 2. Indicates that the
intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.
1
MOD_
ANALOG_
SATURATION1
0R
ALS Analog Saturation of modulator 1. Indicates that the
intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.
0
MOD_
ANALOG_
SATURATION0
0R
ALS Analog Saturation of modulator 0. Indicates that the
intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com