Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3410 Datasheet(PDF) 48 Page - OSRAM GmbH

Part # TCS3410
Description  Universal Ambient Light RGB Sensor with Selective Flicker Detection for Use Behind OLED Displays or Auxiliary to Camera
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3410 Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button TCS3410 Datasheet HTML 44Page - OSRAM GmbH TCS3410 Datasheet HTML 45Page - OSRAM GmbH TCS3410 Datasheet HTML 46Page - OSRAM GmbH TCS3410 Datasheet HTML 47Page - OSRAM GmbH TCS3410 Datasheet HTML 48Page - OSRAM GmbH TCS3410 Datasheet HTML 49Page - OSRAM GmbH TCS3410 Datasheet HTML 50Page - OSRAM GmbH TCS3410 Datasheet HTML 51Page - OSRAM GmbH TCS3410 Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
Datasheet, Public
Page 47
[v3-00] 2022-Dec-10
Document Feedback
TCS3410 − Register Overview
MEAS_SEQR_RESIDUAL_1_AND_WAIT Register
Figure 61:
MEAS_SEQR_RESIDUAL_1_AND_WAIT
Note(s):
1. Return to the Register Map (0xD3).
Addr: 0xD3
MEAS_SEQR_RESIDUAL_1_AND_WAIT
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_
WAIT_PATTERN
0x1
R/W
Defines if a sequencer step will wait for the modulator
trigger timer to finish as programmed in MOD_
TRIGGER_TIMING and WTIME. At the same time the
timer is restarted. In case this bit is not set, the next
sequencer step will start as soon as all measurements
in the prior step are completed.
Please observe that MOD_TRIGGER_TIMING is “0” by
default. In this case the programmed wait pattern is
ignored since measurement time has always priority
over wait time.
The bit pattern does not represent a value but controls
bitwise which sequencer step shall be used. The
leftmost position of “0000” refers to sequencer step 3,
the rightmost refers to sequencer step 0. By default the
wait is executed for sequencer step 3 (last sequencer
step).
3:0
MEASUREMENT_
SEQUENCER_MOD2_
RESIDUAL_ENABLE_
PATTERN
0xF
R/W
Defines if a residual measurement on modulator 2 shall
be executed. The bit pattern does not represent a value
but controls bitwise which sequencer step shall be
used. The leftmost position of “0000” refers to
sequencer step 3, the rightmost refers to sequencer
step 0. By default a residual measurement is done in all
sequencer steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com