Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3410 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TCS3410
Description  Universal Ambient Light RGB Sensor with Selective Flicker Detection for Use Behind OLED Displays or Auxiliary to Camera
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3410 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TCS3410 Datasheet HTML 25Page - OSRAM GmbH TCS3410 Datasheet HTML 26Page - OSRAM GmbH TCS3410 Datasheet HTML 27Page - OSRAM GmbH TCS3410 Datasheet HTML 28Page - OSRAM GmbH TCS3410 Datasheet HTML 29Page - OSRAM GmbH TCS3410 Datasheet HTML 30Page - OSRAM GmbH TCS3410 Datasheet HTML 31Page - OSRAM GmbH TCS3410 Datasheet HTML 32Page - OSRAM GmbH TCS3410 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
Page 28
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-10
TCS3410 − Register O ver view
Device Identification Registers
Figure 31:
Device Identification
Note(s):
1. Return to the Register Map (0x90, 0x91, 0x92).
STATUS Register
Figure 32:
STATUS
Addr
Bit
Field
Reset
Type
Description
0x90
3:0
AUX_ID
0001b
R
Device Identification
AUX_ID: Identifies package and wafer factory
REV_ID: Identifies function ID and revision
number of CMOS die
ID: Device identification
0x91
7:0
REV_ID
0x11
00010001b
R
0x92
7:0
ID
0x5C
01011100b
R
Addr: 0x93
STATUS
Bit
Field
Reset
Type
Bit Description
7MINT
0
R/W
Modulator Interrupt: Indicates that a modulator interrupt
has occurred because of saturation. Check the STATUS2
register to differentiate between analog or digital
saturation. Writing 1 to this bit clear MINT and all
subsequent interrupts.
6:4
Reserved
0
3AINT
0
R/W
ALS Interrupt. If AIEN is set, this interrupt indicates that an
ALS event that met the programmed ALS thresholds (AILT or
AIHT) and persistence (APERS) occurred. Check the STATUS3
register to differentiate. Writing 1 to this bit clear AINT and
all subsequent interrupts.
2FINT
0
R/W
FIFO Interrupt. Indicates that the data level in the FIFO
met the programmed FIFO thresholds (FIFO_LVL and FIFO_
THR). This interrupt is automatically asserted/removed
depending on the programmed FIFO thresholds. Writing 1
to this bit clears FINT. The interrupt, however, will be
promptly asserted again in case the FIFO has not been read
out or cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com