Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3410 Datasheet(PDF) 47 Page - OSRAM GmbH

Part # TCS3410
Description  Universal Ambient Light RGB Sensor with Selective Flicker Detection for Use Behind OLED Displays or Auxiliary to Camera
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3410 Datasheet(HTML) 47 Page - OSRAM GmbH

Back Button TCS3410 Datasheet HTML 43Page - OSRAM GmbH TCS3410 Datasheet HTML 44Page - OSRAM GmbH TCS3410 Datasheet HTML 45Page - OSRAM GmbH TCS3410 Datasheet HTML 46Page - OSRAM GmbH TCS3410 Datasheet HTML 47Page - OSRAM GmbH TCS3410 Datasheet HTML 48Page - OSRAM GmbH TCS3410 Datasheet HTML 49Page - OSRAM GmbH TCS3410 Datasheet HTML 50Page - OSRAM GmbH TCS3410 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
Page 46
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-10
TCS3410 − Register O ver view
MEAS_SEQR_APERS_AND_VSYNC_WAIT Register
Figure 59:
MEAS_SEQR_APERS_AND_VSYNC_WAIT
Note(s):
1. Return to the Register Map (0xD1).
MEAS_SEQR_RESIDUAL_0 Register
Figure 60:
MEAS_SEQR_RESIDUAL_0
Note(s):
1. Return to the Register Map (0xD2).
Addr: 0xD1
MEAS_SEQR_APERS_AND_VSYNC_WAIT
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_VSYNC_
WAIT_PATTERN
0R/W
Defines if a measurement sequence shall wait for a
vsync before starting the measurement. The bit
pattern does not represent a value but controls bitwise
which sequencer step shall be used. The leftmost
position of “0000” refers to sequencer step 3, the
rightmost refers to sequencer step 0.
3:0
MEASUREMENT_
SEQUENCER_APERS_
PATTERN
0x1
R/W
Defines the sequencer steps where an ALS persistence
evaluation shall be performed on modulator data
selected by ALS_THRESHOLD_CHANNEL. The bit
pattern does not represent a value but controls bitwise
which sequencer step shall be used. The leftmost
position of “0000” refers to sequencer step 3, the
rightmost refers to sequencer step 0. By default step 0
is used on all modulators.
Addr: 0xD2
MEAS_SEQR_RESIDUAL_0
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_MOD1_
RESIDUAL_ENABLE_
PATTERN
0xF
R/W
Defines if a residual measurement on modulator 1
shall be executed. The bit pattern does not represent a
value but controls bitwise which sequencer step shall
be used. The leftmost position of “0000” refers to
sequencer step 3, the rightmost refers to sequencer
step 0. By default a residual measurement is done in
all sequencer steps.
3:0
MEASUREMENT_
SEQUENCER_MOD0_
RESIDUAL_ENABLE_
PATTERN
0xF
R/W
Defines if a residual measurement on modulator 0
shall be executed. The bit pattern does not represent a
value but controls bitwise which sequencer step shall
be used. The leftmost position of “0000” refers to
sequencer step 3, the rightmost refers to sequencer
step 0. By default a residual measurement is done in
all sequencer steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com