Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2520 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 21Page - OSRAM GmbH TSL2520 Datasheet HTML 22Page - OSRAM GmbH TSL2520 Datasheet HTML 23Page - OSRAM GmbH TSL2520 Datasheet HTML 24Page - OSRAM GmbH TSL2520 Datasheet HTML 25Page - OSRAM GmbH TSL2520 Datasheet HTML 26Page - OSRAM GmbH TSL2520 Datasheet HTML 27Page - OSRAM GmbH TSL2520 Datasheet HTML 28Page - OSRAM GmbH TSL2520 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
Page 24
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Register O ver view
ALS_STATUS Register
Figure 31:
ALS_STATUS
Note(s):
1. Return to the Register Map (0x94).
Addr: 0x94
ALS_STATUS
Bit
Field
Reset
Type
Bit Description
7:6
MEAS_SEQR_STEP
0
R
Contains the sequencer step where ALS data
was measured.
5
ALS_DATA0_ANALOG_
SATURATION_STATUS
0R
Indicates analog saturation of ALS data0 in
data registers ALS_ADATA0.
4
ALS_DATA1_ANALOG_
SATURATION_STATUS
0R
Indicates analog saturation of ALS data1 in
data registers ALS_ADATA1.
3Reserved
0
2
ALS_DATA0_SCALED_STATUS
0
R
Indicates if ALS data0 needs to be multiplied
if bit is set to
“0”: 2^(ALS_SCALED)
“1”: 1
1
ALS_DATA1_SCALED_STATUS
0
R
Indicates if ALS data1 needs to be multiplied
if bit is set to
“0”: 2^(ALS_SCALED)
“1”: 1
0Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com