Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2520 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 30Page - OSRAM GmbH TSL2520 Datasheet HTML 31Page - OSRAM GmbH TSL2520 Datasheet HTML 32Page - OSRAM GmbH TSL2520 Datasheet HTML 33Page - OSRAM GmbH TSL2520 Datasheet HTML 34Page - OSRAM GmbH TSL2520 Datasheet HTML 35Page - OSRAM GmbH TSL2520 Datasheet HTML 36Page - OSRAM GmbH TSL2520 Datasheet HTML 37Page - OSRAM GmbH TSL2520 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
Datasheet, Public
Page 33
[v3-00] 2022-Dec-20
Document Feedback
TSL2520 − Register Overview
CFG5 Register
Figure 42:
CFG5
Note(s):
1. Return to the Register Map (0xA6).
Addr: 0xA6
CFG5
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
0
5:4
ALS_THRESHOLD_
CHANNEL
0R/W
Selects the modulator channel used for the ALS threshold
metering and subsequent interrupt.
00: Default, modulator0
01: Modulator1
3:0
APERS
0
R/W
ALS Interrupt Persistence. Defines a filter for the number of
consecutive occurrences that ALS measurement data must
remain outside the threshold range between AILT and
AIHT before an interrupt is generated. The ALS data
channel used for the persistence filter is set by ALS_
THRESHOLD_CHANNEL. Any sample that is inside the
threshold range resets the counter to 0.
Interrupts are generated at:
0x0: every ALS cycle
0x1: any ALS value outside the threshold range
0x2: 2 consecutive ALS values outside the range
0x3: 3 consecutive ALS values outside the range
0x4: 5 …
0x5: 10 …
…… continued in increments of 5 values
0xE: 55 …
0xF: 60 consecutive ALS values outside the range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com