Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2520 Datasheet(PDF) 54 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 54 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 50Page - OSRAM GmbH TSL2520 Datasheet HTML 51Page - OSRAM GmbH TSL2520 Datasheet HTML 52Page - OSRAM GmbH TSL2520 Datasheet HTML 53Page - OSRAM GmbH TSL2520 Datasheet HTML 54Page - OSRAM GmbH TSL2520 Datasheet HTML 55Page - OSRAM GmbH TSL2520 Datasheet HTML 56Page - OSRAM GmbH TSL2520 Datasheet HTML 57Page - OSRAM GmbH TSL2520 Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 69 page
background image
Datasheet, Public
Page 53
[v3-00] 2022-Dec-20
Document Feedback
TSL2520 − Register Overview
VSYNC_CFG Register
Figure 73:
VSYNC_CFG
Note(s):
1. Return to the Register Map (0xF7).
Addr: 0xF7
VSYNC_CFG
Bit
Field
Reset
Type
Bit Description
7:6
OSC_CALIB_MODE
0
R/W
Oscillator Calibration Mode Register
00: Osc cal disabled
01: Osc cal after PON, if PON goes to “1” or after
each VSYNC_LOST goes to “0” an oscillator
calibration is performed if no measurement cycle is
active
10: Osc cal always on, an oscillator calibration is
permanently performed if no measurement cycle is
active and no VSYNC_LOST is set.
11: Reserved, do not use
5:3
Reserved
0
2
VSYNC_MODE
0
R/W
Determines which VSYNC signal is used as a trigger
0: Use the external pin signal from VSYNC/GPIO/INT
as a trigger
1: Use SW_VSYNC_TRIGGER as a trigger
1
VSYNC_SELECT
0
R/W
Determines whether the external VSYNC/GPIO pin
or the INT pin is used a trigger signal
0: VSYNC/GPIO
1: INT
0
VSYNC_INVERT
0
R/W
If set to “1” the vsync input signal is inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com