Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL2520 Datasheet(PDF) 52 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 52 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 48Page - OSRAM GmbH TSL2520 Datasheet HTML 49Page - OSRAM GmbH TSL2520 Datasheet HTML 50Page - OSRAM GmbH TSL2520 Datasheet HTML 51Page - OSRAM GmbH TSL2520 Datasheet HTML 52Page - OSRAM GmbH TSL2520 Datasheet HTML 53Page - OSRAM GmbH TSL2520 Datasheet HTML 54Page - OSRAM GmbH TSL2520 Datasheet HTML 55Page - OSRAM GmbH TSL2520 Datasheet HTML 56Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
Datasheet, Public
Page 51
[v3-00] 2022-Dec-20
Document Feedback
TSL2520 − Register Overview
MOD_CALIB_CFG2 Register
Figure 69:
MOD_CALIB_CFG2
Note(s):
1. Return to the Register Map (0xE6).
VSYNC Period Registers
Figure 70:
VSYNC Period
Note(s):
1. Return to the Register Map (0xF2, 0xF3).
Addr: 0xE6
MOD_CALIB_CFG2
Bit
Field
Reset
Type
Bit Description
7
MOD_CALIB_NTH_
ITERATION_RC_
ENABLE
1R/W
Enables a residual calibration during the nth
iteration. Please observe that this residual calibration
feature only makes sense for modulators which are
enabled in the first sequences step, since a gain
calibration only happens in the first sequencer step.
6
MOD_CALIB_NTH_
ITERATION_AZ_
ENABLE
1R/W
Enables auto-zero calibration during the nth
iteration.
5
MOD_CALIB_NTH_
ITERATION_AGC_
ENABLE
0R/W
Enables AGC calibration during the nth iteration.
Please observe in this case, that MOD_CALIB_NTH_
ITERATION_STEP_ENABLE must be “0” otherwise
AGC will not be properly executed.
4
MOD_CALIB_
RESIDUAL_ENABLE_
AUTO_CALIB_ON_
GAIN_CHANGE
1R/W
Enables an automatic re-calibration in case of a
change in gain. This re-calibration is executed at the
beginning of each sequencer step.
3:0
Reserved
0x3
Addr
Bit
Field
Reset
Type
Description
0xF2
7:0
VSYNC_PERIOD[7:0]
0R/W
VSYNC Period
Contains the measured VSYNC in
multiples of 1.3888μs Reading this
register clears HOLD_VSYNC_PERIOD
0xF3
7:0
VSYNC_PERIOD[15:8]
0R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com