Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8144 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MSC8144
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8144 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MSC8144 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
MSC8144 Quad Core Digital Signal Processor Data Sheet, Rev. 1
Electrical Characteristics
Freescale Semiconductor
32
2.6.3
PCI DC Electrical Characteristics
The measurements in Table 13 assume the following system conditions:
•TA = 25 °C
GND
= 0 VDC
Note:
The leakage current is measured for nominal conditions.
2.6.4
TDM DC Electrical Characteristics
The measurements in Table 14 assume the following system conditions:
•TA = 25 °C
GND
= 0 VDC
Note:
The leakage current is measured for nominal conditions.
2.6.5
UART DC Electrical Characteristics
TBD
Table 13. PCI DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Supply voltage 3.3 V
VDDPCI
3.135
3.465
V
Input high voltage
VIH
0.5
× VDDPCI
3.465
V
Input low voltage
VIL
–0.5
0.3
× VDDPCI
V
Input Pull-up voltage2
VIPU
0.7
× VDDPCI
Input leakage current, 0<VIN <VDDPCI
IIN
–10
10
μA
Tri-state (high impedance off state) leakage current, 0<VIN <VDDPCI
IOZ
–10
10
μA
Signal low input current, VIL = 0.4 V
2
IL
–10
10
μA
Signal high input current, VIH = 2.0 V
2
IH
–10
10
μA
Output high voltage, IOH = –0.5 μA,
except open drain pins
VOH
0.9
× VDDPCI
—V
Output low voltage, IOL= 1.5 μAVOL
—0.1
× VDDPCI
V
Input Pin Capacitance
CIN
10
pF
Notes:
1.
See Figure 6 for undershoot and overshoot voltages.
2.
Not tested. Guaranteed by design.
Table 14. TDM DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Supply voltage 3.3 V
VDDTDM
3.135
3.465
V
Input high voltage
VIH
2.0
3.465
V
Input low voltage
VIL
–0.3
0.8
V
Input leakage current, 0<VIN <VDDTDM
IIN
–10
10
μA
Tri-state (high impedance off state) leakage current,
IOZ
–10
10
μA
Signal input current,1
IL
–10
10
μA
Output high voltage, IOH = –1.6 mA,
VOH
2.4
V
Output low voltage, IOL= 0.4mA
VOL
—0.4
V
Pin Capacitance
Cp
8
pF
Note:
Not tested. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com