Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8144 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MSC8144
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8144 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MSC8144 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
Electrical Characteristics
MSC8144 Quad Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
49
2.7.5.7
Measurement and Test Requirements
Since the LP-Serial electrical specification are guided by the XAUI electrical interface specified in Clause 47 of IEEE Std.
802.3ae-2002™, the measurement and test requirements defined here are similarly guided by Clause 47. In addition, the CJPAT
test pattern defined in Annex 48A of IEEE Std. 802.3ae-2002 is specified as the test pattern for use in eye pattern and jitter
measurements. Annex 48B of IEEE Std. 802.3ae-2002 is recommended as a reference for additional information on jitter test
methods.
2.7.5.8
Eye Template Measurements
For the purpose of eye template measurements, the effects of a single-pole high pass filter with a 3 dB point at (baud
frequency)/1667 is applied to the jitter. The data pattern for template measurements is the continuous jitter test pattern (CJPAT)
defined in Annex 48A of IEEE Std. 802.3ae. All lanes of the LP-Serial link shall be active in both the transmit and receive
directions, and opposite ends of the links shall use asynchronous clocks. Four lane implementations shall use CJPAT as defined
in Annex 48A. Single lane implementations shall use the CJPAT sequence specified in Annex 48A for transmission on lane 0.
The amount of data represented in the eye shall be adequate to ensure that the bit error ratio is less than 10
–12. The eye pattern
shall be measured with AC coupling and the compliance template centered at 0 Volts differential. The left and right edges of
the template shall be aligned with the mean zero crossing points of the measured data eye. The load for this test shall be 100
Ω
resistive
±5% differential to 2.5 GHz.
Figure 15. Receiver Input Compliance Mask
Table 37. Receiver Input Compliance Mask Parameters Exclusive of Sinusoidal Jitter
Receiver Type
VDIFFmin (mV)
VDIFFmax (mV)
A (UI)
B (UI)
1.25 GBaud
100
800
0.275
0.400
2.5 GBaud
100
800
0.275
0.400
3.125 GBaud
100
800
0.275
0.400
1
0
VDIFF max
–VDIFF max
VDIFF min
–VDIFF min
Time (UI)
0
A
B
1 – B
1 – A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com