Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8144 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MSC8144
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8144 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MSC8144 Datasheet HTML 69Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 70Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 71Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 72Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 73Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 74Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 75Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 76Page - Freescale Semiconductor, Inc MSC8144 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
Hardware Design Considerations
MSC8144 Quad Core Digital Signal Processor Data Sheet, Rev. 1
Freescale Semiconductor
73
3.3.4.3
GE1 and GE2 Management Pins
GE_MDC and GE_MDIO pins should be connected as required by the specified protocol. If neither GE1 nor GE2 is used (that
is, VDDGE2 is connected to GND), Table 64 lists the recommended management pin connections.
3.3.5
UTOPIA Related Pins
Table 65 lists the board connections of the UTOPIA pins when the entire UTOPIA interface is not used or subset of UTOPIA
interface is used. For multiplexing options that select a subset of the UTOPIA interface, use the connections described in
Table 65 for those signals that are not selected. Table 65 assumes that the alternate function of the specified pin is not used. If
the alternate function is used, connect that pin as required to support the selected function.
GE2_SGMII_RX
GNDSXC
GE2_SGMII_TX
NC
GE2_SGMII_TX
NC
GE2_TCK
NC
GE2_TD[0–3]
NC
GE2_TX_EN
NC
Table 64. Connectivity of GE Management Pins When GE1 and GE2 Are Not Used
Signal Name
Pin Connection
GE_MDC
NC
GE_MDIO
NC
Table 65. Connectivity of UTOPIA Related Pins When UTOPIA Interface Is Not Used
Signal Name
Pin Connection
UTP_IR
GND
UTP_RADDR[0–4]
VDDIO
UTP_RCLAV_PDRPA
NC
UTP_RCLK
GND
UTP_RD[0–15]
GND
UTP_REN
VDDIO
UTP_RPRTY
GND
UTP_RSOC
GND
UTP_TADDR[0–4]
VDDIO
UTP_TCLAV
NC
UTP_TCLK
GND
UTP_TD[0–15]
NC
UTP_TEN
VDDIO
UTP_TPRTY
NC
UTP_TSOC
NC
VDDIO
3.3 V
Table 63. Connectivity of GE1 Related Pins When only a subset of the GE1 Interface Is required (continued)
Signal Name
Pin Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com