Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471CDBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471CDBVT
Description  FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471CDBVT Datasheet(HTML) 4 Page - Texas Instruments

  TLV2471CDBVT Datasheet HTML 1Page - Texas Instruments TLV2471CDBVT Datasheet HTML 2Page - Texas Instruments TLV2471CDBVT Datasheet HTML 3Page - Texas Instruments TLV2471CDBVT Datasheet HTML 4Page - Texas Instruments TLV2471CDBVT Datasheet HTML 5Page - Texas Instruments TLV2471CDBVT Datasheet HTML 6Page - Texas Instruments TLV2471CDBVT Datasheet HTML 7Page - Texas Instruments TLV2471CDBVT Datasheet HTML 8Page - Texas Instruments TLV2471CDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TLV2470
,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232D – JUNE 1999 – REVISED FEBRUARY 2007
Three members of the family (TLV2470/3/5) offer a shutdown terminal for conserving battery life in portable
applications. During shutdown, the outputs are placed in a high-impedance state and the amplifier consumes
only 350nA/channel. The family is fully specified at 3V and 5V across an expanded industrial temperature range
(–40
°C to +125°C). The singles and duals are available in the SOT23 and MSOP packages, while the quads are
available in TSSOP. The TLV2470 offers an amplifier with shutdown functionality all in a SOT23-6 package,
making it perfect for high-density power-sensitive circuits.
over operating free-air temperature range (unless otherwise noted)
UNIT
Supply voltage, VDD(2)
7 V
Differential input voltage, VID
±V
DD
Continuous total power dissipation
See Dissipation Rating table
Operating free-air temperature range, TA
C suffix
0
°C to +70°C
I suffix
–40
°C to +125°C
Maximum junction temperature, TJ
+150
°C
Storage temperature range, Tstg
–65
°C to +150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated underrecommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND.
θ
JC
θ
JA
TA ≤ +25°C
PACKAGE
(
°C/W)
(
°C/W)
POWER RATING
D (8)
38.3
176
710mW
D (14)
26.9
122.3
1022mW
D (16)
25.7
114.7
1090mW
DBV (5)
55
324.1
385mW
DBV (6)
55
294.3
425mW
DGN (8)
4.7
52.7
2.37W
DGQ (10)
4.7
52.3
2.39W
N (14, 16)
32
78
1600mW
P (8)
41
104
1200mW
PWP (14)
2.07
30.7
4.07W
PWP (16)
2.07
29.7
4.21W
MIN
MAX
UNIT
Single supply
2.7
6
Supply voltage, VDD
V
Split supply
±1.35
±3
Common-mode input voltage range, VICR
0
VDD
V
C-suffix
0
+70
Operating free-air temperature, TA
°C
I-suffix
–40
+125
VIH
2
Shutdown on/off voltage level(1)
V
VIL
0.8
(1)
Relative to GND
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com