Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471CDBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471CDBVT
Description  FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471CDBVT Datasheet(HTML) 5 Page - Texas Instruments

  TLV2471CDBVT Datasheet HTML 1Page - Texas Instruments TLV2471CDBVT Datasheet HTML 2Page - Texas Instruments TLV2471CDBVT Datasheet HTML 3Page - Texas Instruments TLV2471CDBVT Datasheet HTML 4Page - Texas Instruments TLV2471CDBVT Datasheet HTML 5Page - Texas Instruments TLV2471CDBVT Datasheet HTML 6Page - Texas Instruments TLV2471CDBVT Datasheet HTML 7Page - Texas Instruments TLV2471CDBVT Datasheet HTML 8Page - Texas Instruments TLV2471CDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TLV2470
,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232D – JUNE 1999 – REVISED FEBRUARY 2007
At specified free-air temperature, V
DD = 3V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP
MAX
UNIT
25
°C
250
2200
TLV247x
Full range
2400
VIO
Input offset voltage
µV
25
°C
250
1600
TLV247xA
Full range
1800
Temperature coefficient of
α
VIO
0.4
µV/°C
VIC = VDD/2,
input offset voltage
VO = VDD/2, RS = 50Ω
25
°C
1.5
50
IIO
Input offset current
TLV247xC
Full range
100
TLV247xI
Full range
300
pA
25
°C
2
50
IIB
Input bias current
TLV247xC
Full range
100
TLV247xI
Full range
300
25
°C
2.85
2.94
IOH = –2.5mA
Full range
2.8
VOH
High-level output voltage
VIC = VDD/2
V
25
°C
2.6
2.74
IOH = –10mA
Full range
2.5
25
°C
0.07
0.15
IOL = 2.5mA
Full range
0.2
VOL
Low-level output voltage
VIC = VDD/2
V
25
°C
0.2
0.35
IOL = 10mA
Full range
0.5
25
°C
30
Sourcing
Full range
20
25
°C
62
TLV247xC
Full range
60
Sourcing,
Outside of rails(2)
TLV247xI
Full range
59
IOS
Short-circuit output current
mA
25
°C
30
Sinking
Full range
20
25
°C
62
TLV247xC
Full range
60
Sinking,
Outside of rails(2)
TLV247xI
Full range
59
IO
Output current
VO = 0.5V from rail
25
°C
±22
mA
25
°C
90
116
Large-signal differential
AVD
VO(PP) = 1V, RL = 10kΩ
dB
voltage amplification
Full range
88
ri(d)
Differential input resistance
25
°C
1012
Ω
Common-mode input
CIC
f = 10kHz
25
°C
19.3
pF
capacitance
Closed-loop output
zo
f = 10kHz, AV = 10
25
°C
2
Ω
impedance
25
°C
61
78
CMRR
Common-mode rejection ratio
TLV247xC
Full range
59
dB
VIC = 0V to 3V,
RS = 50Ω
TLV247xI
Full range
58
(1)
Full range is 0
°C to +70°C for C-suffix and –40°C to +125°C for I-suffix. If not specified, full range is –40°C to +125°C.
(2)
Depending on package dissipation rating.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com