Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471CDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471CDBVT
Description  FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471CDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2471CDBVT Datasheet HTML 7Page - Texas Instruments TLV2471CDBVT Datasheet HTML 8Page - Texas Instruments TLV2471CDBVT Datasheet HTML 9Page - Texas Instruments TLV2471CDBVT Datasheet HTML 10Page - Texas Instruments TLV2471CDBVT Datasheet HTML 11Page - Texas Instruments TLV2471CDBVT Datasheet HTML 12Page - Texas Instruments TLV2471CDBVT Datasheet HTML 13Page - Texas Instruments TLV2471CDBVT Datasheet HTML 14Page - Texas Instruments TLV2471CDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
www.ti.com
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD − Supply Voltage − V
AV = 1
SHDN = VDD
Per Channel
TA = +125°C
TA = +85°C
TA = +25°C
TA = −40°C
30
40
50
60
70
80
90
100
f − Frequency − Hz
10
100
1k
10k
100k
1M
10M
VDD = 3V, 5V
RF = 5kΩ
RI = 50Ω
TA = +25°C
PSRR+
PSRR−
50
60
70
80
90
100
110
120
130
f − Frequency − Hz
100
1k
10k
100k
1M
10M
VDD = 5V
VIC = 2.5V
VDD = 3V
VIC = 1.5V
0
10
20
30
40
50
60
70
80
f − Frequency − Hz
1k
10k
100k
10
100
VDD = 3V, 5V
AV = 10
VIN = VDD/2
TA = +25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f − Frequency − Hz
1M
10k
100k
VO(PP) = 5V
VO(PP) = 3V
THD+N
≤ 2.0%
RL = 10kΩ
TA = +25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f − Frequency − Hz
1M
10k
100k
VO(PP) = 3V
VO(PP) = 5V
THD+N
≤ 2.0%
RL = 600Ω
TA = +25°C
Frequency − Hz
100
1k
10k
100k
20
0
−40
−20
60
40
80
100
−135
−180
−270
−225
−45
−90
0
45
1M
10M
100M
VDD = ±3
RL = 600Ω
CL = 0
TA = +25°C
Frequency − Hz
100
1k
10k
100k
20
0
−40
−20
60
40
80
100
−135
−180
−270
−225
−45
−90
0
45
1M
10M
100M
VDD = ±5
RL = 600Ω
CL = 0
TA = +25°C
TLV2470
,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232D – JUNE 1999 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
POWER-SUPPLY REJECTION
SUPPLY CURRENT
RATIO
COMMON-MODE REJECTION RATIO
vs
vs
vs
SUPPLY VOLTAGE
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
MAXIMUM PEAK-TO-PEAK
MAXIMUM PEAK-TO-PEAK
EQUIVALENT NOISE VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
DIFFERENTIAL VOLTAGE GAIN
DIFFERENTIAL VOLTAGE GAIN
AND PHASE
AND PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com