Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471CDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471CDBVT
Description  FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471CDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV2471CDBVT Datasheet HTML 1Page - Texas Instruments TLV2471CDBVT Datasheet HTML 2Page - Texas Instruments TLV2471CDBVT Datasheet HTML 3Page - Texas Instruments TLV2471CDBVT Datasheet HTML 4Page - Texas Instruments TLV2471CDBVT Datasheet HTML 5Page - Texas Instruments TLV2471CDBVT Datasheet HTML 6Page - Texas Instruments TLV2471CDBVT Datasheet HTML 7Page - Texas Instruments TLV2471CDBVT Datasheet HTML 8Page - Texas Instruments TLV2471CDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
®
®
www.ti.com
FEATURES
DESCRIPTION
TLV2470
,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232D – JUNE 1999 – REVISED FEBRUARY 2007
FAMILY OF 600
µA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT
HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
• CMOS Rail-To-Rail Input/Output
The TLV247x is a family of CMOS rail-to-rail input/
output operational amplifiers that establishes a new
• Input Bias Current: 2.5pA
performance point for supply current versus ac
• Low Supply Current: 600µA/Channel
performance.
These
devices
consume
just
• Ultra-Low Power Shutdown Mode
600
µA/channel
while
offering
2.8MHz
of
IDD(SHDN): 350nA/ch at 3V
gain-bandwidth product. Along with increased ac
IDD(SHDN): 1000nA/ch at 5V
performance, the amplifier provides high output drive
capability, solving a major shortcoming of older
• Gain-Bandwidth Product: 2.8MHz
micropower operational amplifiers. The TLV247x can
• High Output Drive Capability
swing to within 180mV of each supply rail while
–
±10mA at 180mV
driving a 10mA load. For non-RRO applications, the
TLV247x can supply
±35mA at 500mV off the rail.
–
±35mA at 500mV
Both the inputs and outputs swing rail-to-rail for
• Input Offset Voltage: 250µV (typ)
increased dynamic range in low-voltage applications.
• Supply Voltage Range: 2.7V to 6V
This performance makes the TLV247x family ideal
for sensor interface, portable medical equipment,
• Ultra-Small Packaging
and other data acquisition circuits.
–
SOT23-5 or -6 (TLV2470/1)
–
MSOP-8 or -10 (TLV2472/3)
FAMILY PACKAGE TABLE
PACKAGE TYPES
NUMBER OF
DEVICE
SHUTDOWN
UNIVERSAL EVM BOARD
CHANNELS
PDIP
SOIC
SOT23
TSSOP
MSOP
TLV2470
1
8
8
6
—
—
Yes
TLV2471
1
8
8
5
—
—
—
TLV2472
2
8
8
—
—
8
—
Refer to the EVM Selection
Guide (SLOU060)
TLV2473
2
14
14
—
—
10
Yes
TLV2474
4
14
14
—
14
—
—
TLV2475
4
16
16
—
16
—
Yes
A SELECTION OF SINGLE-SUPPLY OPERATIONAL AMPLIFIER PRODUCTS(1)
VDD
VIO
BW
SLEW RATE
IDD (per channel)
DEVICE
OUTPUT DRIVE
RAIL-TO-RAIL
(V)
(
µV)
(MHz)
(V/
µs)
(
µA)
TLV247X
2.7 – 6.0
250
2.8
1.5
600
±35mA
I/O
TLV245X
2.7 – 6.0
20
0.22
0.11
23
±10mA
I/O
TLV246X
2.7 – 6.0
150
6.4
1.6
550
±90mA
I/O
TLV277X
2.5 – 6.0
360
5.1
10.5
1000
±10mA
O
(1)
All specifications measured at 5 V.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
Microsim PARTS is a trademark of MicroSim Corporation.
Microsim PSpice is a registered trademark of MicroSim Corporation.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV2471CDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2471CDBVT TI-TLV2471CDBVT Datasheet
1Mb / 41P
FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471CDBVT TI-TLV2471CDBVT Datasheet
2Mb / 51P
FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471CDBVT TI1-TLV2471CDBVT Datasheet
2Mb / 64P
FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471CDBVTG4 TI-TLV2471CDBVTG4 Datasheet
1Mb / 41P
FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2471CDBVTG4 TI-TLV2471CDBVTG4 Datasheet
2Mb / 51P
FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2471CDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470 Datasheet
1Mb / 41P
FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
901Kb / 32P
FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com