Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2471CDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2471CDBVT
Description  FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2471CDBVT Datasheet(HTML) 3 Page - Texas Instruments

  TLV2471CDBVT Datasheet HTML 1Page - Texas Instruments TLV2471CDBVT Datasheet HTML 2Page - Texas Instruments TLV2471CDBVT Datasheet HTML 3Page - Texas Instruments TLV2471CDBVT Datasheet HTML 4Page - Texas Instruments TLV2471CDBVT Datasheet HTML 5Page - Texas Instruments TLV2471CDBVT Datasheet HTML 6Page - Texas Instruments TLV2471CDBVT Datasheet HTML 7Page - Texas Instruments TLV2471CDBVT Datasheet HTML 8Page - Texas Instruments TLV2471CDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
www.ti.com
TLV247X PACKAGE PINOUTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OUT
1IN −
1IN+
VDD
2IN+
2IN −
2OUT
1/2SHDN
4OUT
4IN −
4IN+
GND
3IN +
3IN−
3OUT
3/4SHDN
(TOP VIEW)
TLV2475
D, N, OR PWP PACKAGE
1
2
3
4
5
10
9
8
7
6
1OUT
1IN −
1IN+
GND
1SHDN
VDD
2OUT
2IN −
2IN+
2SHDN
3
2
4
5
(TOP VIEW)
1
OUT
GND
IN+
VDD
IN −
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN+
GND
NC
1SHDN
NC
VDD
2OUT
2IN −
2IN+
NC
2SHDN
NC
(TOP VIEW)
TLV2471
DBV PACKAGE
3
2
4
6
(TOP VIEW)
1
OUT
GND
IN+
VDD
IN −
TLV2470
DBV PACKAGE
5
SHDN
1
2
3
4
8
7
6
5
NC
IN −
IN +
GND
SHDN
VDD
OUT
NC
TLV2470
D OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NC
IN −
IN +
GND
NC
VDD
OUT
NC
TLV2471
D OR P PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
GND
VDD
2OUT
2IN −
2IN+
TLV2472
D, DGN, OR P PACKAGE
(TOP VIEW)
TLV2473
DGQ PACKAGE
(TOP VIEW)
TLV2473
D OR N PACKAGE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN −
1IN+
VDD
2IN+
2IN −
2OUT
4OUT
4IN −
4IN+
GND
3IN+
3IN −
3OUT
(TOP VIEW)
TLV2474
D, N, OR PWP PACKAGE
NC − No internal connection
Printed or
Molded Dot
Beveled Edges
Pin 1
Molded U Shape
Pin 1
Stripe
Pin 1
Pin 1
TLV2470
,, TLV2471
TLV2472, TLV2473
TLV2474, TLV2475, TLV247xA
SLOS232D – JUNE 1999 – REVISED FEBRUARY 2007
TYPICAL PIN 1 INDICATORS
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com