| Electronic Components Datasheet Search |
|
DSP56F802 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56F802 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc |
|
11 / 40 page ![]() Interrupt and Program Control Signals 56F802 Technical Data, Rev. 9 Freescale Semiconductor 11 2.3 Interrupt and Program Control Signals 2.4 Pulse Width Modulator (PWM) Signals 2.5 Serial Communications Interface (SCI) Signals Table 2-5 Program Control Signals No. of Pins Signal Name Signal Type State During Reset Signal Description 1 RESET Input (Schmitt) Input Reset—This input is a direct hardware reset on the processor. When RESET is asserted low, the controller is initialized and placed in the Reset state. A Schmitt trigger input is used for noise immunity. When the RESET pin is deasserted, the initial chip operating mode is latched from the EXTBOOT pin. The internal reset signal will be deasserted synchronous with the internal clocks, after a fixed number of internal clocks. To ensure complete hardware reset, RESET and TRST should be asserted together. The only exception occurs in a debugging environment when a hardware device reset is required and it is necessary not to reset the OnCE/JTAG module. In this case, assert RESET, but do not assert TRST. Table 2-6 Pulse Width Modulator (PWMA) Signals No. of Pins Signal Name Signal Type State During Reset Signal Description 6 PWMA0-5 Output Tri-stated PWMA0-5— These are six PWMA output pins. 1 FAULTA0 Input (Schmitt) Input FAULTA0 —This fault input is used for disabling selected PWMA outputs in cases where fault conditions originate off-chip. Table 2-7 Serial Communications Interface (SCI0) Signals No. of Pins Signal Name Signal Type State During Reset Signal Description 1 TXD0 GPIOB0 Output Input/Ou tput Input Input Transmit Data (TXD0)—SCI0 transmit data output Port B GPIO—This pin is a General Purpose I/O (GPIO) pin that can be individually programmed as an input or output pin. After reset, the default state is SCI output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |