Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56F802 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # DSP56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F802 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button DSP56F802 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
DC Electrical Characteristics
56F802 Technical Data, Rev. 9
Freescale Semiconductor
17
Output Low Voltage (at IOL)
VOL
—
—
0.4
V
Output source current
IOH
4
—
—
mA
Output sink current
IOL
4
—
—
mA
PWM pin output source current3
IOHP
10
—
—
mA
PWM pin output sink current4
IOLP
16
—
—
mA
Input capacitance
CIN
—
8
—
pF
Output capacitance
COUT
—
12
—
pF
VDD supply current
IDDT5
Run6 (80MHz Operation)
—
120
130
mA
Run6 (60MHz Operation)
—
102
111
mA
Wait7
—
96
102
mA
Stop
—
62
70
mA
Low Voltage Interrupt, external power supply8
VEIO
2.4
2.7
3.0
V
Low Voltage Interrupt, internal power supply9
VEIC
2.0
2.2
2.4
V
Power on Reset10
VPOR
—
1.7
2.0
V
1. Schmitt Trigger inputs are: FAULTA0, TCS, TCK, TMS, TDI, RESET, and TRST
2. Analog inputs are: ANA[0:7], XTAL and EXTAL. Specification assumes ADC is not sampling.
3. PWM pin output source current measured with 50% duty cycle.
4. PWM pin output sink current measured with 50% duty cycle.
5. IDDT = IDD + IDDA (Total supply current for VDD + VDDA)
6. Run (operating) IDD measured using 8MHz clock source. All inputs 0.2V from rail; outputs unloaded. All ports configured as inputs;
measured with all modules enabled.
7. Wait IDD measured using external square wave clock source (fosc = 8MHz) into XTAL; all inputs 0.2V from rail; no DC loads; less
than 50pF on all outputs. CL = 20pF on EXTAL; all ports configured as inputs; EXTAL capacitance linearly affects wait IDD; measured
with PLL enabled.
8. This low voltage interrupt monitors the VDDA external power supply. VDDA is generally connected to the same potential as VDD via
separate traces. If VDDA drops below VEIO, an interrupt is generated. Functionality of the device is guaranteed under transient conditions
when VDDA>VEIO (between the minimum specified VDD and the point when the VEIO interrupt is generated).
9. This low voltage interrupt monitors the internally regulated core power supply. If the output from the internal voltage is regulator
drops below VEIC, an interrupt is generated. Since the core logic supply is internally regulated, this interrupt will not be generated unless
the external power supply drops below the minimum specified value (3.0V).
Table 3-4 DC Electrical Characteristics (Continued)
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C, CL ≤ 50pF
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com