Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56F802 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # DSP56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F802 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button DSP56F802 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
56F802 Technical Data, Rev. 9
12
Freescale Semiconductor
2.6 Analog-to-Digital Converter (ADC) Signals
2.7 Quad Timer Module Signals
1
RXD0
GPIOB1
Input
Input/
Output
Input
Input
Receive Data (RXD0)—SCI0 receive data input
Port B GPIO—This pin is a General Purpose I/O (GPIO) pin that can
be individually programmed as an input or output pin.
After reset, the default state is SCI input.
Table 2-8 Analog to Digital Converter Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
3
ANA2-4
Input
Input
ANA2-4—Analog inputs to ADC, channel 1
2
ANA6-7
Input
Input
ANA6-7—Analog inputs to ADC, channel 2
1
VREF
Input
Input
VREF—Analog reference voltage. Must be set to VDDA - 0.3V for
optimal performance.
Table 2-9 Quad Timer Module Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
2
TD1-2
GPIOA1-2
Input/
Output
Input/
Output
Input
Input
TD1-2—Timer D Channel 1-2
Port A GPIO—These pins are General Purpose I/O (GPIO) pins that
can be individually programmed as input or output pins.
After reset, the default state is the quad timer input.
Table 2-7 Serial Communications Interface (SCI0) Signals (Continued)
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com