Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF226AP Datasheet(PDF) 24 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 20Page - NXP Semiconductors RF226AP Datasheet HTML 21Page - NXP Semiconductors RF226AP Datasheet HTML 22Page - NXP Semiconductors RF226AP Datasheet HTML 23Page - NXP Semiconductors RF226AP Datasheet HTML 24Page - NXP Semiconductors RF226AP Datasheet HTML 25Page - NXP Semiconductors RF226AP Datasheet HTML 26Page - NXP Semiconductors RF226AP Datasheet HTML 27Page - NXP Semiconductors RF226AP Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Table 9. Transmitter specification (continued)
Parameter
Conditions
Min
Typ
Max
Unit
Reconstr. filter
suppression
At center of
adjacent channel
20
dB
At center of
alternate channel
50
dB
Reconstr. filter
group delay
variation
Deviation of group delay from the group delay at DC, normalized to half the channel bandwidth,
i.e. the given values are the products of
Δ gd and the nominal channel BW, fchBW .
fchBW = {20, 40, 80} MHz
Range: 0 to 30% of
fchBW
-0.35
+0.35
-
Range: 30% to
46% of fchBW
-0.80
+0.80
-
Analog TX signal
path delay
Channel bandwidth
B = 20/40/80 MHz
Cannot be
measured.
1/B
s
General
Unwanted
emissions
below 1 GHz
30 MHz ≤ f < 1.0
GHz
RBW = 100 kHz
OFDM signal,
PRMS_TX_burst = -6
dBm
40 MHz channel
BW
-70
dBm
Unwanted
emissions
above 1 GHz
RBW = 1 MHz
OFDM signal, PRMS_TX_burst = -6 dBm
40 MHz channel BW
Harmonics excluded
Reference spurs excluded
Valid for frequencies at least 100 MHz from the LO or outside the adjacent channel, whichever is
largest.
1.000 GHz ≤ f <
3.000 GHz
-70
dBm
3.000 GHz ≤ f <
4.200 GHz
-80
dBm
4.200 GHz ≤ f <
4.500 GHz
-80
dBm
4.500 GHz ≤ f ≤
5.150 GHz
-80
dBm
5.150 GHz < f <
6.500 GHz
-80
dBm
6.500 GHz ≤ f <
7.500 GHz
-80
dBm
Table continues on the next page...
Electrical characteristics
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
24
Preliminary
NXP Semiconductors
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com