Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF226AP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 7Page - NXP Semiconductors RF226AP Datasheet HTML 8Page - NXP Semiconductors RF226AP Datasheet HTML 9Page - NXP Semiconductors RF226AP Datasheet HTML 10Page - NXP Semiconductors RF226AP Datasheet HTML 11Page - NXP Semiconductors RF226AP Datasheet HTML 12Page - NXP Semiconductors RF226AP Datasheet HTML 13Page - NXP Semiconductors RF226AP Datasheet HTML 14Page - NXP Semiconductors RF226AP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
3.1.1 Absolute maximum ratings
This table provides the absolute maximum ratings.
Table 3. Absolute maximum ratings1,2
Characteristic
Symbol
Min
Max
Unit
Notes
Analog supply voltages
VDD_TRX1
VDD_TRX2
VDD_SYNTH
-0.50
-0.50
-0.50
-0.50
-0.50
-0.50
-0.50
-0.50
-0.5
2.00
2.00
2.00
2.00
2.00
2.00
2.00
2.00
2.00
V
V
V
V
V
V
V
V
V
Digital core supply voltage
VDD_DIG_CORE
-0.50
1.00
V
Digital I/O supply voltage
VDD_DIG_IO, VDD_AUX,
VDD_PROG
-0.50
2.00
V
Maximum voltage on non-supply pins
Digital pins, incl. GPIO:s
-0.50
2.00
V
Analo pins
-0.50
1.1
V
Latch-up
Pass
JESD78
Maximum RF input
+5
dBm
Peak
power, all
frequenc
y bands
Max ESD voltage, HBM
RF pins and BB pins
1000
V
ANSI-
ESDA-
JEDEC
JS-011-2
011
Other pins
2000
V
Max ESD voltage, CDM
RF pins and BB pins
250
V
ANSI-
ESDA-
JEDEC
JS-011-2
011
Other pins
500
V
Storage temperature
TSTG
-55
150
° C
Notes:
1. Functional operating conditions are given in this table are stress ratings only, and functional operation at the maximums is
not guaranteed. Stresses beyond those listed may affect device reliability or cause permanent damage to the device.
2. Exposing device to Absolute Maximum Ratings conditions for long periods of time may affect reliability or cause permanent
damage.
Electrical characteristics
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
NXP Semiconductors
Preliminary
11
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com