Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF226AP Datasheet(PDF) 34 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 30Page - NXP Semiconductors RF226AP Datasheet HTML 31Page - NXP Semiconductors RF226AP Datasheet HTML 32Page - NXP Semiconductors RF226AP Datasheet HTML 33Page - NXP Semiconductors RF226AP Datasheet HTML 34Page - NXP Semiconductors RF226AP Datasheet HTML 35Page - NXP Semiconductors RF226AP Datasheet HTML 36Page - NXP Semiconductors RF226AP Datasheet HTML 37Page - NXP Semiconductors RF226AP Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Table 11. Frequency generation specification (continued)
Parameter
Conditions
Min
Typ
Max
Unit
RO2, fLO ± N x 40
MHz
-60
dBc
RO2, fLO ± N x
160 MHz
-60
dBc
PLL settling time
In-band frequency
hop
fLO within 10 kHz
of final frequency
6
10
µs
Channel switching
time
Any frequencies
over the tuning
range, inclusive of
all programming,
register writes and
calibrations.
600
µs
Turnaround time
TX to RX:
Includes time to
load Rx gain state
2
µs
RX to TX:
Includes time to
load Tx gain state
2
µs
XO Crystal Oscillator Specifications
XO frequency tuning
range
Typical crystal
load capacitance
± 40
ppm
XO frequency
resolution
T ypical crystal
and typical load
capacitance
Static setting of
fine tuning cap
bank
±0.1
ppm
160MHz_DIFF_IO signal characteristics as an output
160MHz_DIFF_IO
output frequency
160
MHz
160MHz_DIFF_IO
output clock jitter
Integrated from
10kHz to 80MHz
1
ps
160MHz_DIFF_IO
output duty cycle
40
50
60
%
160MHz_DIFF_IO
differential output
voltage level (LVDS)
200
mV (VPP_DIFF(1,2))
160MHz_DIFF_IO
output common
mode voltage level
(LVDS)
0.467
V1,2
Notes:
1- The LVDS_160MHz_IO measurment is to be taken based on 100 Ohms terminating load impedance as in the figure below
Electrical characteristics
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
34
Preliminary
NXP Semiconductors
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com