Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF226AP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button RF226AP Datasheet HTML 3Page - NXP Semiconductors RF226AP Datasheet HTML 4Page - NXP Semiconductors RF226AP Datasheet HTML 5Page - NXP Semiconductors RF226AP Datasheet HTML 6Page - NXP Semiconductors RF226AP Datasheet HTML 7Page - NXP Semiconductors RF226AP Datasheet HTML 8Page - NXP Semiconductors RF226AP Datasheet HTML 9Page - NXP Semiconductors RF226AP Datasheet HTML 10Page - NXP Semiconductors RF226AP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
The digital part of RF112L0H consists of an ASP and a number of digital hardware
blocks, and interfaces both with the analogue part - via an RS bus, signals, and clocks -
and with the outside world - via LLCP and I2C interfaces. The internal clock frequency is
160 MHz in normal operation, during boot a 40 MHz clock is used. The digital part is
used to control and calibrate the analog part of the chip, both RF and baseband signal
interfaces are analog.
2 Pin assignments
2.1 RF226R Transceiver QFN layout diagrams
This figure shows the complete view of the RF226R QFN diagram.
RX1_LB_IN
TEST_MODE
VDD_RX1
DTEST1
RX1_HB_IN
DTEST2
ATEST1
RX2_HB_IN
ATEST2
VDD_TRX2
XO
TX_HB_OUT
XI
VDD_TRX2
VDD_XO
TX_LB_OUT
ATEST3
VDD_TRX2
ATEST4
RX2_LB_IN
RO1_LB_IN
VDD_RO2
VDD_RO1
RO2_HB_IN
RO1_HB_IN
ROBB2_OUT_Q_P
VDD_BB1
ROBB2_OUT_Q_N
ROBB1_OUT_I_P
ROBB2_OUT_I_N
ROBB1_OUT_I_N
ROBB2_OUT_I_P
aaa-037105
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
65 GND
37
36
35
34
33
Figure 4. RF226R Transceiver QFN layout
Pin assignments
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
NXP Semiconductors
Preliminary
7
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com