Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF226AP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # RF226AP
Description  RF112L0H Transceiver Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF226AP Datasheet(HTML) 4 Page - NXP Semiconductors

  RF226AP Datasheet HTML 1Page - NXP Semiconductors RF226AP Datasheet HTML 2Page - NXP Semiconductors RF226AP Datasheet HTML 3Page - NXP Semiconductors RF226AP Datasheet HTML 4Page - NXP Semiconductors RF226AP Datasheet HTML 5Page - NXP Semiconductors RF226AP Datasheet HTML 6Page - NXP Semiconductors RF226AP Datasheet HTML 7Page - NXP Semiconductors RF226AP Datasheet HTML 8Page - NXP Semiconductors RF226AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
aaa-037116
BB
RF
HB
LB
TX_HB_LO_I
I/Q
I/Q
TX_LB_LO_Q
TX_LB_LO_I
TX_HB_LO_Q
BB
RF
HB
LB
RX2_HB_LO_I
I/Q
I/Q
RX2_LB_LO_Q
RX2_LB_LO_I
RX2_HB_LO_Q
BB
RF
RF
HB
LB
HB
RO1_HB_LO_I
I/Q
I/Q
RO1_LB_LO_Q
RO1_LB_LO_I
RO1_HB_LO_Q
BB
RO2_HB_LO_I
RO2_HB_LO_Q
BB
RF
HB
LB
RX1_HB_LO_I
RX1_LB_LO_Q
RX1_LB_LO_I
RX1_HB_LO_Q
RO1 Path
RO2 Path
TX Path
RX2 Path
RX1 Path
Figure 1. RF112L0H Transceiver Simplified model
The RF112L0H Transceiver uses a direct conversion architecture for both RX and TX.
The chip has independent synthesizers for each sub-system driven from a common
reference. The frequency reference can be a 40 MHz crystal or external oscillator. The
input reference is multiplied internally by 4 and can be routed to an output differential
pair for use as a low jitter 160 MHz frequency reference by other devices in the system.
The gain in receive mode should be controlled by the baseband IC. The receive chain has
low noise and high dynamic range. The analog baseband filters have on-chip calibration
and supports 20, 40, or 80 MHz modulation bandwidth. An internal crystal oscillator is
implemented to enable usage of a low cost crystal. The reference frequency can be fine-
tuned to minimize the frequency error. A LVDS clock output is included to provide a
reference clock to the baseband chip. An auxiliary ADC is implemented for calibration
purposes and to serve various external functions like power and temperature
measurements.
The two interfaces, a traditional low-speed I2C, and a low complexity high-speed custom
LVDS buses are available for configuration and bi-directional data exchanges with the
baseband. HS LLCP as main, LS I2C as secondary. The high speed interface can be used
to provide a continuous stream of RF envelope detector samples after the LNA in each
Introduction
RF112L0H Transceiver Data Sheet, Rev. A, 12/2020
4
Preliminary
NXP Semiconductors
Confidential Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com