Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA211CIRSWR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # INA211CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA211CIRSWR Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA211CIRSWR Datasheet HTML 22Page - Texas Instruments INA211CIRSWR Datasheet HTML 23Page - Texas Instruments INA211CIRSWR Datasheet HTML 24Page - Texas Instruments INA211CIRSWR Datasheet HTML 25Page - Texas Instruments INA211CIRSWR Datasheet HTML 26Page - Texas Instruments INA211CIRSWR Datasheet HTML 27Page - Texas Instruments INA211CIRSWR Datasheet HTML 28Page - Texas Instruments INA211CIRSWR Datasheet HTML 29Page - Texas Instruments INA211CIRSWR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (February 2017) to Revision K (October 2023)
Page
• Updated format to match new TI layout and flow. Tables, figures and cross-references use a new numbering
sequence throughout the document................................................................................................................... 1
Changes from Revision I (September 2016) to Revision J (February 2017)
Page
• Added 2017 copyright to front page graphic ..................................................................................................... 1
• Deleted Device Options table ............................................................................................................................ 3
• Added Common-mode analog inputs (Versions B and C) to Absolute Maximum Ratings table........................ 4
• Changed HBM ESD value (Version A) from 4000 to 2000 V in ESD Ratings table .......................................... 4
• Changed formatting of Thermal Information table note...................................................................................... 5
• Deleted static literature number from document reference in Related Documentation section .......................25
Changes from Revision H (June 2016) to Revision I (September 2016)
Page
• Deleted all notes regarding preview devices throughout data sheet; all devices now active............................. 1
Changes from Revision G (July 2014) to Revision H (June 2016)
Page
• Changed Features section: deleted last bullet, changed packages bullet .........................................................1
• Deleted last Applications bullet ..........................................................................................................................1
• Changed Description section..............................................................................................................................1
• Changed Device Information table .................................................................................................................... 1
• Moved storage temperature to Absolute Maximum Ratings table .....................................................................4
• Changed ESD Ratings table: changed title, changed format to current standards ........................................... 4
• Deleted both Machine Model rows from ESD Ratings table ..............................................................................4
• Changed first sentence referencing Equation 1 in Input Filtering section: replaced seen with measured ...... 14
• Changed second sentence referencing Equation 1 in Input Filtering section ..................................................14
• Corrected punctuation and added clarity to first and second paragraphs in Shutting Down the INA21x Series
section ............................................................................................................................................................. 16
• Changed impressed to present in fourth paragraph of Shutting Down the INA21x Series section.................. 16
Changes from Revision F (June 2014) to Revision G (July 2014)
Page
• Changed Simplified Schematic: added equation below gain table.....................................................................1
• Changed V(ESD) HBM specifications for version A in Handling Ratings table.................................................... 4
Changes from Revision E (June 2013) to Revision F (June 2014)
Page
• Changed format to meet latest data sheet standards; added Pin Functions, Recommended Operating
Conditions, and Thermal Information tables, Overview, Functional Block Diagram, Application Information,
Power Supply Recommendations, and Layout sections, and moved existing sections..................................... 1
• Added INA215 to document .............................................................................................................................. 1
• Added INA215 sub-bullet to fourth Features bullet ............................................................................................1
• Added INA215 to simplified schematic table ..................................................................................................... 1
• Added Thermal Information table....................................................................................................................... 4
• Added INA215 to Figure 5-7 ..............................................................................................................................8
• Added INA215 to Figure 5-15 ............................................................................................................................8
• Added INA215 to Figure 6-3 ............................................................................................................................16
Changes from Revision D (November 2012) to Revision E (June 2013)
Page
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com