Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA211CIRSWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA211CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA211CIRSWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA211CIRSWR Datasheet HTML 6Page - Texas Instruments INA211CIRSWR Datasheet HTML 7Page - Texas Instruments INA211CIRSWR Datasheet HTML 8Page - Texas Instruments INA211CIRSWR Datasheet HTML 9Page - Texas Instruments INA211CIRSWR Datasheet HTML 10Page - Texas Instruments INA211CIRSWR Datasheet HTML 11Page - Texas Instruments INA211CIRSWR Datasheet HTML 12Page - Texas Instruments INA211CIRSWR Datasheet HTML 13Page - Texas Instruments INA211CIRSWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
5.6 Typical Characteristics (continued)
The INA210 is used for typical characteristics at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
Temperature ( C)
°
35
30
25
20
15
10
5
0
–50
–25
150
0
25
50
75
100
125
Figure 5-13. Input Bias Current vs Temperature
Temperature ( C)
°
100
90
80
70
60
50
40
30
20
10
0
–50
–25
150
0
25
50
75
100
125
Figure 5-14. Quiescent Current vs Temperature
Frequency (Hz)
100
10
1
10
100
1k
100k
10k
INA210
INA211
INA212
INA213
INA214
INA215
VS = 2.5 V
VREF = 0 V
VIN–, VIN+ = 0 V
Figure 5-15. Input-Referred Voltage Noise vs Frequency
Time (1s/div)
VS = 2.5 V
VCM = 0 V
VDIF = 0 V
VREF = 0 V
Figure 5-16. 0.1-Hz to 10-Hz Voltage Noise (Referred-To-Input)
Time (100µs/div)
2VPP Output
10mVPP Input
Figure 5-17. Step Response (10-mVPP Input Step)
Time (50
/div)
μs
0V
0V
Output Voltage
Common Voltage
Figure 5-18. Common-Mode Voltage Transient Response
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com