Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA211CIRSWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA211CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA211CIRSWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA211CIRSWR Datasheet HTML 2Page - Texas Instruments INA211CIRSWR Datasheet HTML 3Page - Texas Instruments INA211CIRSWR Datasheet HTML 4Page - Texas Instruments INA211CIRSWR Datasheet HTML 5Page - Texas Instruments INA211CIRSWR Datasheet HTML 6Page - Texas Instruments INA211CIRSWR Datasheet HTML 7Page - Texas Instruments INA211CIRSWR Datasheet HTML 8Page - Texas Instruments INA211CIRSWR Datasheet HTML 9Page - Texas Instruments INA211CIRSWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
5.5 Electrical Characteristics
at TA = 25°C, VSENSE = VIN+ – VIN–
INA210, INA213, INA214, and INA215: VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted
INA211 and INA212: VS = 12 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range
Version A
TA = –40°C to +125°C
–0.3
26
V
Versions B and C
TA = –40°C to +125°C
–0.1
26
CMRR
Common-mode
rejection ratio
INA210, INA211,
INA212, INA214,
INA215
VIN+ = 0 V to 26 V VSENSE = 0 mV
TA = –40°C to +125°C
105
140
dB
INA213
VIN+ = 0 V to 26 V VSENSE = 0 mV
TA = –40°C to +125°C
100
120
VO
Offset voltage, RTI(1)
INA210, INA211,
INA212
VSENSE = 0 mV
±0.55
±35
µV
INA213
VSENSE = 0 mV
±5
±100
INA214, INA215
VSENSE = 0 mV
±1
±60
dVOS/dT
RTI vs temperature
VSENSE = 0 mV
TA = –40°C to +125°C
0.1
0.5
µV/°C
PSRR
RTI vs power supply ratio
VS = 2.7 V to 18 V
VIN+ = 18 V
VSENSE = 0 mV
±0.1
±10
µV/V
IIB
Input bias current
VSENSE = 0 mV
15
28
35
µA
IIO
Input offset current
VSENSE = 0 mV
±0.02
µA
OUTPUT
G
Gain
INA210
200
V/V
INA211
500
INA212
1000
INA213
50
INA214
100
INA215
75
EG
Gain error
VSENSE = –5 mV to 5 mV
TA = –40°C to +125°C
(Versions A and B)
±0.02%
±1%
VSENSE = –5 mV to 5 mV
TA = –40°C to +125°C
(Version C)
±0.02%
±0.5%
Gain error vs temperature
TA = –40°C to +125°C
3
10
ppm/°C
Nonlinearity error
VSENSE = –5 mV to 5 mV
±0.01%
Maximum capacitive load
No sustained oscillation
1
nF
VOLTAGE OUTPUT(2)
Swing to V+ power-supply rail
RL = 10 kΩ to GND
TA = –40°C to +125°C
(V+) – 0.05
(V+) – 0.2
V
Swing to GND
RL = 10 kΩ to GND
TA = –40°C to +125°C
(VGND) + 0.005 (VGND) + 0.05
V
FREQUENCY RESPONSE
BW
Bandwidth
CLOAD = 10 pF, INA210
14
kHz
CLOAD = 10 pF, INA211
7
CLOAD = 10 pF, INA212
4
CLOAD = 10 pF, INA213
80
CLOAD = 10 pF, INA214
30
CLOAD = 10 pF, INA215
40
SR
Slew rate
0.4
V/µs
NOISE, RTI(1)
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com