Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA211CIRSWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA211CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA211CIRSWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA211CIRSWR Datasheet HTML 5Page - Texas Instruments INA211CIRSWR Datasheet HTML 6Page - Texas Instruments INA211CIRSWR Datasheet HTML 7Page - Texas Instruments INA211CIRSWR Datasheet HTML 8Page - Texas Instruments INA211CIRSWR Datasheet HTML 9Page - Texas Instruments INA211CIRSWR Datasheet HTML 10Page - Texas Instruments INA211CIRSWR Datasheet HTML 11Page - Texas Instruments INA211CIRSWR Datasheet HTML 12Page - Texas Instruments INA211CIRSWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
5.6 Typical Characteristics (continued)
The INA210 is used for typical characteristics at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
Frequency (Hz)
70
60
50
40
30
20
10
0
10
-
10
100
10M
1k
10k
100k
1M
INA210
INA211
INA212
INA213
INA214
INA215
Figure 5-7. Gain vs Frequency
Frequency (Hz)
160
140
120
100
80
60
40
20
0
1
10
100k
100
1k
10k
VS = 5 V + 250-mV sine disturbance
VCM = 0 V
VREF = 2.5 V
VDIF = shorted
Figure 5-8. Power-Supply Rejection Ratio vs Frequency
Frequency (Hz)
160
140
120
100
80
60
40
20
0
1
10
1M
100
1k
10k
100k
VS = 5 V
VCM = 1 V sine
VDIF = shorted
VREF = 2.5 V
Figure 5-9. Common-Mode Rejection Ratio vs Frequency
V+
(V+)
0.5
–
(V+)
1
–
(V+)
1.5
–
(V+)
2
–
(V+)
2.5
(V+)
3
–
GND + 3
GND + 2.5
GND + 2
GND + 1.5
GND + 1
GND + 0.5
GND
0
5
10
15
20
Output Current (mA)
25
30
35
40
–
T = 40C
A
T = 25C
A
T = 125C
A
–
VS = 2.7 V
VS = 2.7 V
VS = 5 V to 26 V
VS = 2.7 V to 26 V
Figure 5-10. Output Voltage Swing vs Output Current
Common-Mode Voltage (V)
50
40
30
20
10
0
–10
0
5
30
10
15
20
25
0V
2.5V
IB+, IB–, VREF = 0 V
IB+, IB–, VREF = 2.5 V
Figure 5-11. Input Bias Current vs Common-Mode Voltage With
Supply Voltage = 5 V
Common-Mode Voltage (V)
30
25
20
15
10
5
0
-5
0
5
30
10
15
20
25
0V
2.5V
IB+, IB–, VREF = 0 V
IB+, IB–, VREF = 2.5
V
IB+, VREF = 2.5 V
Figure 5-12. Input Bias Current vs Common-Mode Voltage With
Supply Voltage = 0 V (Shutdown)
www.ti.com
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com