Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA211CIRSWR Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # INA211CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA211CIRSWR Datasheet(HTML) 42 Page - Texas Instruments

Back Button INA211CIRSWR Datasheet HTML 37Page - Texas Instruments INA211CIRSWR Datasheet HTML 38Page - Texas Instruments INA211CIRSWR Datasheet HTML 39Page - Texas Instruments INA211CIRSWR Datasheet HTML 40Page - Texas Instruments INA211CIRSWR Datasheet HTML 41Page - Texas Instruments INA211CIRSWR Datasheet HTML 42Page - Texas Instruments INA211CIRSWR Datasheet HTML 43Page - Texas Instruments INA211CIRSWR Datasheet HTML 44Page - Texas Instruments INA211CIRSWR Datasheet HTML 45Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.45
1.35
1.85
1.75
0.55
0.45
NOTE 3
0.05
0.00
6X 0.4
2X 0.8
9X
0.45
0.35
10X
0.25
0.15
0.55
0.45
(0.13) TYP
UQFN - 0.55 mm max height
RSW0010A
PLASTIC QUAD FLATPACK - NO LEAD
4224897/A 03/2019
0.05 C
0.07
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This package complies to JEDEC MO-288 variation UDEE, except minimum package height.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
SYMM
1
2
3
5
6
7
8
10
SCALE 7.000
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com