Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA212CIRSWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA212CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA212CIRSWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA212CIRSWR Datasheet HTML 10Page - Texas Instruments INA212CIRSWR Datasheet HTML 11Page - Texas Instruments INA212CIRSWR Datasheet HTML 12Page - Texas Instruments INA212CIRSWR Datasheet HTML 13Page - Texas Instruments INA212CIRSWR Datasheet HTML 14Page - Texas Instruments INA212CIRSWR Datasheet HTML 15Page - Texas Instruments INA212CIRSWR Datasheet HTML 16Page - Texas Instruments INA212CIRSWR Datasheet HTML 17Page - Texas Instruments INA212CIRSWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
6.4 Device Functional Modes
6.4.1 Input Filtering
An obvious and straightforward filtering location is at the device output. However, this location negates the
advantage of the low output impedance of the internal buffer. The only other filtering option is at the device input
pins. This location, though, does require consideration of the ±30% tolerance of the internal resistances. Figure
6-2 shows a filter placed at the inputs pins.
R
SHUNT
V
REF
V
OUT
V+
V
CM
R
< 10 W
S
R
INT
R
< 10
S
W
R
INT
Load
C
F
Bias
Figure 6-2. Filter at Input Pins
The addition of external series resistance, however, creates an additional error in the measurement so the value
of these series resistors must be kept to 10 Ω (or less, if possible) to reduce impact to accuracy. The internal
bias network shown in Figure 6-2 present at the input pins creates a mismatch in input bias currents when a
differential voltage is applied between the input pins. If additional external series filter resistors are added to
the circuit, the mismatch in bias currents results in a mismatch of voltage drops across the filter resistors. This
mismatch creates a differential error voltage that subtracts from the voltage developed at the shunt resistor. This
error results in a voltage at the device input pins that is different than the voltage developed across the shunt
resistor. Without the additional series resistance, the mismatch in input bias currents has little effect on device
operation. The amount of error these external filter resistors add to the measurement can be calculated using
Equation 2 where the gain error factor is calculated using Equation 1.
The amount of variance in the differential voltage present at the device input relative to the voltage developed
at the shunt resistor is based both on the external series resistance value as well as the internal input resistors,
R3 and R4 (or RINT as shown in Figure 6-2). The reduction of the shunt voltage reaching the device input pins
appears as a gain error when comparing the output voltage relative to the voltage across the shunt resistor.
A factor can be calculated to determine the amount of gain error that is introduced by the addition of external
series resistance. The equation used to calculate the expected deviation from the shunt voltage to what is
measured at the device input pins is given in Equation 1:
Gain Error Factor =
(1250 ´ INT
R
)
(1250
S
´
´
´
R ) + (1250
R
) + (R
R
)
INT
S
INT
(1)
where:
• RINT is the internal input resistor (R3 and R4), and
• RS is the external series resistance.
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com