Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA212CIRSWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # INA212CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA212CIRSWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA212CIRSWR Datasheet HTML 19Page - Texas Instruments INA212CIRSWR Datasheet HTML 20Page - Texas Instruments INA212CIRSWR Datasheet HTML 21Page - Texas Instruments INA212CIRSWR Datasheet HTML 22Page - Texas Instruments INA212CIRSWR Datasheet HTML 23Page - Texas Instruments INA212CIRSWR Datasheet HTML 24Page - Texas Instruments INA212CIRSWR Datasheet HTML 25Page - Texas Instruments INA212CIRSWR Datasheet HTML 26Page - Texas Instruments INA212CIRSWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Time (500 µs/div)
VOUT
VREF
C002
0V
Figure 7-4. Bidirectional Application Output Response
8 Power Supply Recommendations
The input circuitry of the INA21x can accurately measure beyond the power-supply voltage, V+. For example,
the V+ power supply can be 5 V, whereas the load power-supply voltage can be as high as 26 V. However,
the output voltage range of the OUT pin is limited by the voltages on the power-supply pin. Note also that the
INA21x can withstand the full input signal range up to 26 V at the input pins, regardless of whether the device
has power applied or not.
9 Layout
9.1 Layout Guidelines
• Connect the input pins to the sensing resistor using a Kelvin or 4-wire connection. This connection technique
ensures that only the current-sensing resistor impedance is detected between the input pins. Poor routing of
the current-sensing resistor commonly results in additional resistance present between the input pins. Given
the very low ohmic value of the current resistor, any additional high-current carrying impedance can cause
significant measurement errors.
• Place the power-supply bypass capacitor as closely as possible to the supply and ground pins. The
recommended value of this bypass capacitor is 0.1 μF. Additional decoupling capacitance can be added
to compensate for noisy or high-impedance power supplies.
www.ti.com
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com