Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA212CIRSWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA212CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA212CIRSWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA212CIRSWR Datasheet HTML 4Page - Texas Instruments INA212CIRSWR Datasheet HTML 5Page - Texas Instruments INA212CIRSWR Datasheet HTML 6Page - Texas Instruments INA212CIRSWR Datasheet HTML 7Page - Texas Instruments INA212CIRSWR Datasheet HTML 8Page - Texas Instruments INA212CIRSWR Datasheet HTML 9Page - Texas Instruments INA212CIRSWR Datasheet HTML 10Page - Texas Instruments INA212CIRSWR Datasheet HTML 11Page - Texas Instruments INA212CIRSWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
5.6 Typical Characteristics
The INA210 is used for typical characteristics at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
OffsetVoltage( V)
m
Figure 5-1. Input Offset Voltage Production Distribution
Temperature( C)
°
100
80
60
40
20
0
-
20
-
40
-
60
-
80
-
100
-
50
-
25
150
0
25
50
75
100
125
Figure 5-2. Offset Voltage vs Temperature
Common-ModeRejectionRatio( V/V)
m
Figure 5-3. Common-Mode Rejection Production Distribution
Temperature( C)
°
5
4
3
2
1
0
-1
-2
-3
-4
-5
-50
-25
150
0
25
50
75
100
125
Figure 5-4. Common-Mode Rejection Ratio vs Temperature
GainError(%)
Figure 5-5. Gain Error Production Distribution
Temperature ( C)
°
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–50
–25
150
0
25
50
75
100
125
Figure 5-6. Gain Error vs Temperature
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com