Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA212CIRSWR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA212CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA212CIRSWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA212CIRSWR Datasheet HTML 16Page - Texas Instruments INA212CIRSWR Datasheet HTML 17Page - Texas Instruments INA212CIRSWR Datasheet HTML 18Page - Texas Instruments INA212CIRSWR Datasheet HTML 19Page - Texas Instruments INA212CIRSWR Datasheet HTML 20Page - Texas Instruments INA212CIRSWR Datasheet HTML 21Page - Texas Instruments INA212CIRSWR Datasheet HTML 22Page - Texas Instruments INA212CIRSWR Datasheet HTML 23Page - Texas Instruments INA212CIRSWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
7.1 Application Information
The INA21x devices measure the voltage developed across a current-sensing resistor when current passes
through the device. The ability to drive the reference pin to adjust the functionality of the output signal offers
multiple configurations, as discussed throughout this section.
7.2 Typical Applications
7.2.1 Unidirectional Operation
CBYPASS
0.1 µF
Power Supply
Load
Output
-
+
IN-
IN+
GND
V+
OUT
REF
Bus Supply
Copyright © 2017, Texas Instruments Incorporated
Figure 7-1. Unidirectional Application Schematic
7.2.1.1 Design Requirements
The device can be configured to monitor current flowing in one direction (unidirectional) or in both directions
(bidirectional) depending on how the REF pin is configured. The most common case is unidirectional where the
output is set to ground when no current is flowing by connecting the REF pin to ground, as shown in Figure 7-1.
When the input signal increases, the output voltage at the OUT pin increases.
7.2.1.2 Detailed Design Procedure
The linear range of the output stage is limited in how close the output voltage can approach ground under
zero input conditions. In unidirectional applications where measuring very low input currents is desirable, bias
the REF pin to a convenient value above 50 mV to get the output into the linear range of the device. To limit
common-mode rejection errors, TI recommends buffering the reference voltage connected to the REF pin.
A less frequently-used output biasing method is to connect the REF pin to the supply voltage, V+. This method
results in the output voltage saturating at 200 mV below the supply voltage when no differential input signal is
present. This method is similar to the output saturated low condition with no input signal when the REF pin is
connected to ground. The output voltage in this configuration only responds to negative currents that develop
negative differential input voltage relative to the device IN– pin. Under these conditions, when the differential
input signal increases negatively, the output voltage moves downward from the saturated supply voltage. The
voltage applied to the REF pin must not exceed the device supply voltage.
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com