Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA212CIRSWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA212CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA212CIRSWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA212CIRSWR Datasheet HTML 15Page - Texas Instruments INA212CIRSWR Datasheet HTML 16Page - Texas Instruments INA212CIRSWR Datasheet HTML 17Page - Texas Instruments INA212CIRSWR Datasheet HTML 18Page - Texas Instruments INA212CIRSWR Datasheet HTML 19Page - Texas Instruments INA212CIRSWR Datasheet HTML 20Page - Texas Instruments INA212CIRSWR Datasheet HTML 21Page - Texas Instruments INA212CIRSWR Datasheet HTML 22Page - Texas Instruments INA212CIRSWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
6.4.5 Improving Transient Robustness
Applications involving large input transients with excessive dV/dt above 2 kV per microsecond present at the
device input pins may cause damage to the internal ESD structures on version A devices. This potential damage
is a result of the internal latching of the ESD structure to ground when this transient occurs at the input. With
significant current available in most current-sensing applications, the large current flowing through the input
transient-triggered, ground-shorted ESD structure quickly results in damage to the silicon. External filtering can
be used to attenuate the transient signal prior to reaching the inputs to avoid the latching condition. Care must
be taken to ensure that external series input resistance does not significantly impact gain error accuracy. For
accuracy purposes, keep these resistances under 10 Ω if possible. Ferrite beads are recommended for this filter
because of their inherently low dc ohmic value. Ferrite beads with less than 10 Ω of resistance at dc and over
600 Ω of resistance at 100 MHz to 200 MHz are recommended. The recommended capacitor values for this filter
are between 0.01 µF and 0.1 µF to ensure adequate attenuation in the high-frequency region. This protection
scheme is shown in Figure 6-7.
OUT
IN+
IN-
-
REF
GND
V+
1 MW
1 MW
R3
R4
2.7 V to 26 V
Reference
Voltage
Shunt
Load
Supply
Output
0.01 F
to 0.1 F
m
m
MMZ1608B601C
0.01 F
to 0.1 F
m
m
Device
Copyright © 2017, Texas Instruments Incorporated
Figure 6-7. Transient Protection
To minimize the cost of adding these external components to protect the device in applications where large
transient signals may be present, version B and C devices are now available with new ESD structures that
are not susceptible to this latching condition. Version B and C devices are incapable of sustaining these
damage-causing latched conditions so these devices do not have the same sensitivity to the transients that the
version A devices have, thus making the version B and C devices a better fit for these applications.
www.ti.com
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com