Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC74APWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC74APWR
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC74APWR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC74APWR Datasheet HTML 1Page - Texas Instruments SN74LVC74APWR Datasheet HTML 2Page - Texas Instruments SN74LVC74APWR Datasheet HTML 3Page - Texas Instruments SN74LVC74APWR Datasheet HTML 4Page - Texas Instruments SN74LVC74APWR Datasheet HTML 5Page - Texas Instruments SN74LVC74APWR Datasheet HTML 6Page - Texas Instruments SN74LVC74APWR Datasheet HTML 7Page - Texas Instruments SN74LVC74APWR Datasheet HTML 8Page - Texas Instruments SN74LVC74APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
4 Pin Configuration and Functions
Figure 4-1. D, DB, J, PW, NS, or W Package 14-Pin
SOIC, SSOP, CDIP, TSSOP, SO, or CFP (Top View)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
2CLR
2D
2CLK
2PRE
2Q
1D
1CLK
1PRE
1Q
1Q
Figure 4-2. BQA or RGY Package 14-Pin WQFN or
VQFN With Exposed Thermal Pad (Top View)
Figure 4-3. FK Package 20-Pin LCCC (Top View)
Table 4-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
CDIP, CFP, PDIP, SO, SOIC,
SSOP, TSSOP, VQFN
LCCC
1CLK
3
4
I
Channel 1 clock input
1 CLR
1
2
I
Channel 1 clear input. Pull low to set Q output low.
1D
2
3
I
Channel 1 data input
1 PRE
4
6
I
Channel 1 preset input. Pull low to set Q output high.
1Q
5
8
O
Channel 1 output
1 Q
6
9
O
Channel 1 inverted output
2CLK
11
16
I
Channel 2 clock input
2 CLR
13
19
I
Channel 2 clear input. Pull low to set Q output low.
2D
12
18
I
Channel 2 data input
2 PRE
10
14
I
Channel 2 preset input. Pull low to set Q output high.
2Q
9
13
O
Channel 2 output
2 Q
8
12
O
Channel 2 Inverted output
GND
7
10
—
Ground
NC
—
1, 5, 7, 11, 15, 17
—
No connect
VCC
14
20
—
Supply
www.ti.com
SN54LVC74A, SN74LVC74A
SCAS287V – JANUARY 1993 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54LVC74A SN74LVC74A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com