Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC74APWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC74APWR
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC74APWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC74APWR Datasheet HTML 4Page - Texas Instruments SN74LVC74APWR Datasheet HTML 5Page - Texas Instruments SN74LVC74APWR Datasheet HTML 6Page - Texas Instruments SN74LVC74APWR Datasheet HTML 7Page - Texas Instruments SN74LVC74APWR Datasheet HTML 8Page - Texas Instruments SN74LVC74APWR Datasheet HTML 9Page - Texas Instruments SN74LVC74APWR Datasheet HTML 10Page - Texas Instruments SN74LVC74APWR Datasheet HTML 11Page - Texas Instruments SN74LVC74APWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
5.11 Switching Characteristics: SN74LVC74A, –40°C to 125°C and –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted; see Parameter Measurement Information)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
fmax
Maximum clock
frequency
—
—
TA = –40°C to 125°C
VCC = 2.7 V
83
MHz
VCC = 3.3 V ± 0.3 V
100
TA = –40°C to 85°C and VCC = 3.3 V ± 0.3 V
150
tpd
Propagation (delay)
time
CLK
Q or Q
TA = –40°C to 125°C
VCC = 2.7 V
1
6
ns
VCC = 3.3 V ± 0.3 V
5.2
TA = –40°C to 85°C and VCC = 3.3 V ± 0.3 V
1
5.2
PRE or CLR
TA = –40°C to 125°C
VCC = 2.7 V
1
6.4
VCC = 3.3 V ± 0.3 V
5.4
TA = –40°C to 85°C and VCC = 3.3 V ± 0.3 V
1
5.4
tsk(o)
Skew (time), output
—
—
TA = –40°C to 85°C and VCC = 3.3 V ± 0.3 V
1
ns
5.12 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP UNIT
Cpd
Power dissipation capacitance per flip-flop
f = 10 MHz
VCC = 1.8 V
24
pF
VCC = 2.5 V
24
VCC = 3.3 V
26
5.13 Typical Characteristics
2
4
6
8
10
12
14
0
50
100
150
200
250
300
CL – Load Capacitance – pF
VCC = 3 V,
TA = 25°C
One Output Switching
Four Outputs Switching
Eight Outputs Switching
Figure 5-1. Propagation Delay (Low-to-High Transition)
vs Load Capacitance
2
4
6
8
10
0
50
100
150
200
250
300
CL – Load Capacitance – pF
VCC = 3 V,
TA = 25°C
One Output Switching
Four Outputs Switching
Eight Outputs Switching
Figure 5-2. Figure 2. Propagation Delay (High-to-Low
Transition) vs Load Capacitance
SN54LVC74A, SN74LVC74A
SCAS287V – JANUARY 1993 – REVISED MAY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54LVC74A SN74LVC74A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com