Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC74APWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC74APWR
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC74APWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC74APWR Datasheet HTML 1Page - Texas Instruments SN74LVC74APWR Datasheet HTML 2Page - Texas Instruments SN74LVC74APWR Datasheet HTML 3Page - Texas Instruments SN74LVC74APWR Datasheet HTML 4Page - Texas Instruments SN74LVC74APWR Datasheet HTML 5Page - Texas Instruments SN74LVC74APWR Datasheet HTML 6Page - Texas Instruments SN74LVC74APWR Datasheet HTML 7Page - Texas Instruments SN74LVC74APWR Datasheet HTML 8Page - Texas Instruments SN74LVC74APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
1 Features
• Operate from 1.65V to 3.6V
• Inputs accept voltages to 5.5V
• Maximum tpd of 5.2ns at 3.3V
• Typical VOLP (output ground bounce)
<0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
>2V at VCC = 3.3V, TA = 25°C
• Latch-up performance exceeds 250mA per JESD
17
• ESD protection exceeds JESD 22
– 2000V human-body model (A114-A)
– 1000V charged-device model (C101)
2 Applications
• Servers
• Medical, Healthcare, and Fitness
• Telecom Infrastructures
• TVs, Set-Top Boxes, and Audio
• Test and Measurement
• Industrial Transport
• Wireless Infrastructure
• Enterprise Switching
• Motor Drives
• Factory Automation and Control
3 Description
The SNx4LVC74A devices integrate two positive-edge
triggered D-type flip-flops in one convenient device.
The SN54LVC74A is designed for 2.7V to 3.6V VCC
operation, and the SN74LVC74A is designed for
1.65V to 3.6V VCC operation.
Device Information
PART NUMBER
PACKAGE (1)
PACKAGE SIZE(2)
BODY SIZE(3)
SNx4LVC74A
BQA (WQFN, 14)
3mm × 2.5mm
3mm × 2.5mm
D (SOIC, 14)
8.65mm x 6mm
8.65mm × 3.91mm
DB (SSOP, 14)
6.2mm x 7.8mm
6.20mm × 5.30mm
NS (SOP, 14)
10.2mm x 7.8mm
10.20mm × 5.30mm
PW (TSSOP, 14)
5mm x 6.4mm
5.00mm × 4.40mm
RGY (VQFN, 14)
3.50mm × 3.50mm
3.50mm × 3.50mm
J (CDIP, 14)
19.55mm x 7.9mm
19.56 mm × 6.67 mm
W (CFP, 14)
9.21mm x 9 mm
9.21 mm × 5.97 mm
FK (LCCC, 20)
8.9mm x 8.9mm
8.89 mm × 8.89 mm
(1)
For more information, see Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Copyright © 2016, Texas Instruments Incorporated
Logic Diagram, Each Flip-Flop (Positive Logic)
SN54LVC74A, SN74LVC74A
SCAS287V – JANUARY 1993 – REVISED MAY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC74APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC74APWR TI-SN74LVC74APWR Datasheet
516Kb / 17P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LVC74APWR TI-SN74LVC74APWR Datasheet
814Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LVC74APWR TI-SN74LVC74APWR Datasheet
661Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LVC74APWR TI1-SN74LVC74APWR Datasheet
1Mb / 27P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LVC74APWR TI2-SN74LVC74APWR Datasheet
3Mb / 46P
SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
REVISED DECEMBER 2024
More results

Similar Description - SN74LVC74APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74HCT74A HITACHI-HD74HCT74A Datasheet
57Kb / 10P
Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset
HD74LS74A HITACHI-HD74LS74A Datasheet
69Kb / 6P
Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
logo
Texas Instruments
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Potato Semiconductor Co...
PO54G74A POTATO-PO54G74A Datasheet
563Kb / 6P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Texas Instruments
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
SN5474 TI1-SN5474_15 Datasheet
1Mb / 23P
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54AHC74 TI1-SN54AHC74_15 Datasheet
1Mb / 27P
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com