Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC74APWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC74APWR
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC74APWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC74APWR Datasheet HTML 8Page - Texas Instruments SN74LVC74APWR Datasheet HTML 9Page - Texas Instruments SN74LVC74APWR Datasheet HTML 10Page - Texas Instruments SN74LVC74APWR Datasheet HTML 11Page - Texas Instruments SN74LVC74APWR Datasheet HTML 12Page - Texas Instruments SN74LVC74APWR Datasheet HTML 13Page - Texas Instruments SN74LVC74APWR Datasheet HTML 14Page - Texas Instruments SN74LVC74APWR Datasheet HTML 15Page - Texas Instruments SN74LVC74APWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
• Load currents must not exceed (IO max) per output and must not exceed (Continuous current through
VCC or GND) total current for the part. These limits are located in Absolute Maximum Ratings.
• Outputs must not be pulled above VCC.
8.2.3 Application Curves
VOL – V
–20
0
20
40
60
80
100
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA = 25°C, VCC = 3 V,
VIH = 3 V, VIL = 0 V,
All Outputs Switching
Figure 8-2. Output Drive Current (IOL)
vs LOW-level Output Voltage (VOL)
–100
–80
–60
–40
–20
0
20
40
60
–1
–0.5 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA = 25°C, VCC = 3 V,
VIH = 3 V, VIL = 0 V,
All Outputs Switching
VOH – V
Figure 8-3. Output Drive Current (IOH)
vs HIGH-level Output Voltage (VOH)
8.3 Power Supply Recommendations
The power supply may be any voltage between the minimum and maximum supply voltage rating located in
Recommended Operating Conditions .
Each VCC terminal must have a good bypass capacitor to prevent power disturbance. A 0.1-µF capacitor is
recommended for devices with a single supply. If there are multiple VCC terminals, then 0.01-µF or 0.022-µF
capacitors are recommended for each power terminal. It is permissible to parallel multiple bypass capacitors to
reject different frequencies of noise. Multiple bypass capacitors may be paralleled to reject different frequencies
of noise. The bypass capacitor must be installed as close to the power terminal as possible for the best results.
8.4 Layout
8.4.1 Layout Guidelines
Inputs must not float when using multiple bit logic devices. In many cases, functions or parts of functions of
digital logic devices are unused. Some examples include situations when only two inputs of a triple-input AND
gate are used, or when only 3 of the 4-buffer gates are used. Such input pins must not be left unconnected
because the undefined voltages at the outside connections result in undefined operational states.
Specified in Figure 8-4 are rules that must be observed under all circumstances. All unused inputs of digital logic
devices must be connected to a high or low bias to prevent them from floating. The logic level that must be
applied to any particular unused input depends on the function of the device. Generally, they are tied to GND or
VCC, whichever makes more sense or is more convenient.
SN54LVC74A, SN74LVC74A
SCAS287V – JANUARY 1993 – REVISED MAY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54LVC74A SN74LVC74A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com