Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC74APWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC74APWR
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC74APWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC74APWR Datasheet HTML 9Page - Texas Instruments SN74LVC74APWR Datasheet HTML 10Page - Texas Instruments SN74LVC74APWR Datasheet HTML 11Page - Texas Instruments SN74LVC74APWR Datasheet HTML 12Page - Texas Instruments SN74LVC74APWR Datasheet HTML 13Page - Texas Instruments SN74LVC74APWR Datasheet HTML 14Page - Texas Instruments SN74LVC74APWR Datasheet HTML 15Page - Texas Instruments SN74LVC74APWR Datasheet HTML 16Page - Texas Instruments SN74LVC74APWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
8.4.2 Layout Example
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1CLR
1D
1PRE
1Q
1Q
GND
VCC
2CLR
2D
2PRE
2Q
2Q
GND
VCC
2CLK
1CLK
0.1
F
Bypass capacitor
placed close to
the device
Avoid 90°
corners for
signal lines
Recommend GND flood fill for
improved signal isolation, noise
reduction, and thermal dissipation
Unused output
left floating
Unused inputs
tied to VCC
Figure 8-4. Layout Diagram
www.ti.com
SN54LVC74A, SN74LVC74A
SCAS287V – JANUARY 1993 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN54LVC74A SN74LVC74A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com