Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC05 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # M68HC05
Description  Microcontrollers
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC05 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button M68HC05 Datasheet HTML 97Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 98Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 99Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 100Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 101Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 102Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 103Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 104Page - Freescale Semiconductor, Inc M68HC05 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 118 page
background image
3.3-Vdc Control Timing
MC68HC05C9A Advance Information Data Sheet, Rev. 4.1
Freescale Semiconductor
101
Figure 12-7. Power-On Reset Timing Diagram
Figure 12-8. External Reset Timing
3FFE
4064 t
CYC
V
DD
OSC1 PIN(2)
INTERNAL
CLOCK(3)
INTERNAL
DATA BUS(3)
3FFE
3FFE
3FFE
3FFE
3FFE
3FFF
(NOTE 1)
1. Power-on reset threshold is typically between 1 V and 2 V.
3. Internal clock, internal address bus, and internal data bus are not available externally.
NEW
PCH
NEW
PCL
2. OSC1 line is meant to represent time only, not frequency.
4. RESET outputs VOL during 4064 POR cycles.
Notes:
RESET PIN
(NOTE 4)
INTERNAL
ADDRESS BUS(3)
INTERNAL
CLOCK(1)
INTERNAL
ADDRESS BUS(1)
Notes:
INTERNAL
DATA BUS(1)
3FFE
3FFE
3FFF
NEW PC
1. Internal clock, internal address bus, and internal data bus are not available externally.
2. The next rising edge of the internal clock after the rising edge of RESET initiates the reset sequence.
NEW
PCH
t
RL
NEW
PCL
OP
CODE
RESET(2)
3FFE
3FFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com