Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCP8153 Datasheet(PDF) 3 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8153
Description  High precision original side feedback constant current converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8153 Datasheet(HTML) 3 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8153 Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 4Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 5Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 6Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 7Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 8Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 9Page - Shanghai Orient-Chip Technology Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3 - 9
Ver 1.1 April. 01, 2013
OCP8153
高精度原边反馈恒流转换器
绝对最大额定值(注
1)
符号
参数
范围
单位
VCC
电源电压
-0.3~25
V
SW
开关节点电压
-0.3~650
V
CS
电流采样端电压
-0.3~7
V
FB
反馈端电压
-0.3~7
V
θJA
热阻
DIP-8L
90
°C/W
PDMAX(注2)
功耗
0.45
W
TA
工作环境温度
−40 ~ 85
°C
TJ
工作结温
−40 ~ 150
°C
TSTO
存储温度
−55 ~ 150
°C
注
1:最大极限值是指超出该工作范围,芯片有可能损坏。
注
2: 温度升高最大功耗一定会减小,这也是由TJMAX, θJA,和环境温度 TA 所决定的。最大允许功耗为PDMAX =
(TJMAX - TA)/ θJA 或是极限范围给出的数字中比较低的那个值。
推荐工作范围
符号
参数
范围
单位
VCC
电源电压
8.0~17.5
V
POUTMAX
最大输出功率
85~265VAC
10
W (注3)
220VAC ±15%
12
TA
工作环境温度
−40 ~ 85
°C
注 3:在 50 度环境温度,MOS 漏端有散热的情况下的最大输出功率



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com