Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCP8153 Datasheet(PDF) 4 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8153
Description  High precision original side feedback constant current converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8153 Datasheet(HTML) 4 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8153 Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 4Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 5Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 6Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 7Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 8Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 9Page - Shanghai Orient-Chip Technology Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page 4 - 9
Ver 1.1 April. 01, 2013
OCP8153
高精度原边反馈恒流转换器
电气参数(测试条件:如无特殊说明,TA =25℃,VCC=12V)
符号
参数
条件
最小值
典型值
最大值
单位
电源电压
VCC_TH
芯片启动电压
VCC 升高
12.0
14.0
16.0
V
VUVLO
欠压保护阈值
6.4
7.2
8.0
V
VOVP
过压保护阈值
17.5
19
20.5
V
VCC_CLAMP
VCC 钳位电压
21.0
23
25.0
V
电流采样
VCS_TH
电流检测阈值
0.99
1.00
1.01
V
TONMIN
最小导通时间
-
600
-
nS
工作电流
IST
启动电流
VCC=6.5V
-
32
60
uA
IOP
典型工作电流
FOP=40KHz
-
0.7
-
mA
FB 反馈
TDEMAG_Min
最小退磁时间
-
3
-
uS
VFB
FB 参考电压
-
1
-
V
TOFFDLY
关断延时
-
136
-
nS
RLNC
线电压补偿跨阻
-
900
-
uV/uA
最大占空比
DMAX
系统工作最大占空比
-
-
58
%
T
系统工作周期
-
3*Td
-
FSHORT
短路工作频率
-
7.0
-
kHz
过温保护
TSD
热关断温度
-
150
-
℃
TSD_HYS
过热保护迟滞
-
50
-
℃
驱动级
RDS(ON)
NMOS 导通阻抗
VGS=10V, ID=0.5A
-
6.3
8
Ω
BVDSS
功率管击穿电压
VGS=0V, ID=250uA
650
-
-
V
IDSS
功率管漏电
VDS=520V, VGS=0V
-
-
2
uA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com