Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCP8153 Datasheet(PDF) 5 Page - Shanghai Orient-Chip Technology Co.,LTD.

Part # OCP8153
Description  High precision original side feedback constant current converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIENT-CHIP [Shanghai Orient-Chip Technology Co.,LTD.]
Direct Link  https://www.orient-chip.com/
Logo ORIENT-CHIP - Shanghai Orient-Chip Technology Co.,LTD.

OCP8153 Datasheet(HTML) 5 Page - Shanghai Orient-Chip Technology Co.,LTD.

  OCP8153 Datasheet HTML 1Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 2Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 3Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 4Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 5Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 6Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 7Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 8Page - Shanghai Orient-Chip Technology Co.,LTD. OCP8153 Datasheet HTML 9Page - Shanghai Orient-Chip Technology Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Page 5 - 9
Ver 1.1 April. 01, 2013
OCP8153
高精度原边反馈恒流转换器
典型参数特征
8
9
10
11
12
13
14
15
16
17
18
-40
-10
20
50
80
110
140
Temperature(℃)
17.5
17.75
18
18.25
18.5
18.75
19
19.25
19.5
19.75
20
-40
-10
20
50
80
110
140
Temperature(℃)
芯片启动电压对温度的变化
过压保护电压对温度的变化
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
85
115
145
175
205
235
265
VAC(V)
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
1.1
9
1011
12
13141516
VCC(V)
输出电流对线电压的变化比例
CS 门限电压对 VCC 的变化
CH1:CS
CH2:VBULK CH4:IOUT
CH1:CS
CH2:VBULK CH4:IOUT
系统上电各节点波形
系统下电各节点波形



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com