Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF112 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 30Page - NXP Semiconductors RF112 Datasheet HTML 31Page - NXP Semiconductors RF112 Datasheet HTML 32Page - NXP Semiconductors RF112 Datasheet HTML 33Page - NXP Semiconductors RF112 Datasheet HTML 34Page - NXP Semiconductors RF112 Datasheet HTML 35Page - NXP Semiconductors RF112 Datasheet HTML 36Page - NXP Semiconductors RF112 Datasheet HTML 37Page - NXP Semiconductors RF112 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Table 7. Frequency generation specification
Parameter
Conditions
Min
Typ
Max
Unit
LVDS Differential Output Test Configuration
LVDS_160MHz_IO_P
LVDS_160MHz_IO_N
load
100 Ω
50
50
Figure 19. LVDS Load Termination
2. Please see the figure below that defines the Vcm and the VPP_SE versus VPP_DIFF
LVDS_160 MHz_IO_P
LVDS_160 MHz_IO_N
Vpp_diff = 2*Vpp_se
Vcm
Vpp_se
Vcm
Vcm
Vpp_se
Figure 20. LVDS Signal Swing
3.7 Digital Interface
RF112 transceiver has two types of interfaces; one I2C interface for general non-time-
critical control, and one Lightweight LVDS Communication Protocol (LLCP) interface.
3.7.1 LLCP Interface Characteristics
The LLCP is a Lightweight Low-voltage differential signaling (LVDS) Communication
Protocol block. It provides high speed serial communication between the baseband SOC
and RF112 . It makes use of two signals, the serial data (DIN/DOUT) and the strobe
(SIN/SOUT). In the same fashion as the SpaceWire protocol, the clock is recovered
internally by XORing the data and the strobe lines. The LLCP supports 8b10b encoding/
decoding across both data and strobe pair.
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
34
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com