Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF112 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 37Page - NXP Semiconductors RF112 Datasheet HTML 38Page - NXP Semiconductors RF112 Datasheet HTML 39Page - NXP Semiconductors RF112 Datasheet HTML 40Page - NXP Semiconductors RF112 Datasheet HTML 41Page - NXP Semiconductors RF112 Datasheet HTML 42Page - NXP Semiconductors RF112 Datasheet HTML 43Page - NXP Semiconductors RF112 Datasheet HTML 44Page - NXP Semiconductors RF112 Datasheet HTML 45Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
6.2 PCB design
To achieve the required performance the PCB design must fulfill the requirements listed
in below table.
Table 15. PCB trace requirements
Pin name
PCB trace requirement
TX_HB_OUT
50 Ω transmission line
TX_LB_OUT
50 Ω transmission line
VDD_TRX2
Maximum trace length until all three traces are joined < 1mm.
All three traces must be matched
Maximum trace/via distance to decoupling capacitor < 1mm for the small decoupling
capacitor, <5mm for the large decoupling capacitor.
RX1_HB_IN
50 Ω transmission line
RX1_LB_IN
50 Ω transmission line
RX2_HB_IN
50 Ω transmission line
RX2_LB_IN
50 Ω transmission line
RO1_HB_IN
50 Ω transmission line
RO1_LB_IN
50 Ω transmission line
RO2_HB_IN
50 Ω transmission line
VDD_RX1
Maximum trace/via distance to decoupling capacitor < 1mm for the small decoupling
capacitor, <5mm for the large decoupling capacitor.
VDD_RO1
Maximum trace/via distance to decoupling capacitor < 1mm for the small decoupling
capacitor, <5mm for the large decoupling capacitor.
VDD_RO2
Maximum trace/via distance to decoupling capacitor < 1mm for the small decoupling
capacitor, <5mm for the large decoupling capacitor.
VDD_BB1
Maximum trace/via distance to decoupling capacitor < 1mm for the small decoupling
capacitor, <5mm for the large decoupling capacitor.
VDD_BB2
Maximum trace/via distance to decoupling capacitor < 1mm for the small decoupling
capacitor, <5mm for the large decoupling capacitor.
XO
Place crystal close to XI and XO ports.
XI
VDD_XO
Maximum trace/via distance to decoupling capacitor < 1mm for the small decoupling
capacitor, <5mm for the large decoupling capacitor.
VDD_SYNTH
Maximum trace/via distance to decoupling capacitor < 1mm for the small decoupling
capacitor, <5mm for the large decoupling capacitor.
VDD_160M_IO
Maximum trace/via distance to decoupling capacitor < 1mm for the small decoupling
capacitor, <5mm for the large decoupling capacitor.
VDD_DIG_CORE
Maximum trace/via distance to decoupling capacitor < 1mm for the small decoupling
capacitor, <5mm for the large decoupling capacitor.
VDD_DIG_IO
Maximum trace/via distance to decoupling capacitor < 1mm for the small decoupling
capacitor, <5mm for the large decoupling capacitor.
Application
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
NXP Semiconductors
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com