Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF112 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 1 Page - NXP Semiconductors

  RF112 Datasheet HTML 1Page - NXP Semiconductors RF112 Datasheet HTML 2Page - NXP Semiconductors RF112 Datasheet HTML 3Page - NXP Semiconductors RF112 Datasheet HTML 4Page - NXP Semiconductors RF112 Datasheet HTML 5Page - NXP Semiconductors RF112 Datasheet HTML 6Page - NXP Semiconductors RF112 Datasheet HTML 7Page - NXP Semiconductors RF112 Datasheet HTML 8Page - NXP Semiconductors RF112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
RF112
RF112 Transceiver Data
Sheet
Features
• Zero I/F operation in 2.4GHz (2.4-2.5GHz) Low and
5GHz (4.9-6GHz) High Industrial, Scientific, and
Medical (ISM) Bands
– Three independently operating RF sub-systems.
– One dual band 1x2 MIMO transceiver, TRX
– One dual band observation receiver, RO1
– One high band observation receiver, RO2
– Aggregate support for 1x Transmit, 4x Receive
antenna operation
• Receiver features
– Direct conversion, low noise and high dynamic
range receive chain
– High speed AGC interface (RSSI detector and RX
gain control) to baseband
– Analog baseband filters (20, 40 and 80 MHz
modulation bandwidth) with on-chip calibration
– Analog differential I/Q interface to baseband IC
• Transmitter features
– Direct conversion with adjustable gain transmit
chain
– Analog baseband filter (20, 40 and 80 MHz
modulation bandwidth) with on-chip calibration
– Analog differential I/Q interface to baseband
• Flexible frequency generation system
– 40 MHz crystal or external oscillator for frequency
reference
– Adjustable crystal load to tune for minimum
frequency error
– 4X multiplied input reference that can be routed to
an output differential pair to be used as a low jitter
160 MHz reference by other devices in the system
– Independent synthesizers for each sub-system driven
by a common reference
• Two interfaces for configuration and bi-directional data
exchanges with the baseband IC
– A low complexity high-speed custom LVDS bus
(LLCP)
– A traditional low-speed I2C bus
• Programmable digital core for transceiver control and
calibration
• Auxiliary ADC support for calibration and external
functions (voltage and temperature measurements)
• 64 pin QFN package
NXP Semiconductors
Document Number RF112
Data Sheet: Technical Data
Rev. 1 Draft B, 05/2024
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Similar Part No. - RF112

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF1126 RFMD-RF1126 Datasheet
410Kb / 7P
BROADBAND MEDIUM POWER SPDT SWITCH
RF1127 RFMD-RF1127 Datasheet
555Kb / 8P
BROADBAND LOW POWER SPDT SWITCH
RF1128 RFMD-RF1128 Datasheet
383Kb / 6P
BROADBAND MEDIUM POWER
logo
NXP Semiconductors
RF112L0H NXP-RF112L0H Datasheet
536Kb / 46P
RF112L0H Transceiver Data Sheet
Rev. A, 12/2020
More results

Similar Description - RF112

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
IrDA Data Sheet 115 kbps Transceiver
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
MC9S12E128CFUE FREESCALE-MC9S12E128CFUE Datasheet
3Mb / 606P
MC9S12E128 Data Sheet
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com