Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF112 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # RF112
Description  RF112 Transceiver Data Sheet
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RF112 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button RF112 Datasheet HTML 8Page - NXP Semiconductors RF112 Datasheet HTML 9Page - NXP Semiconductors RF112 Datasheet HTML 10Page - NXP Semiconductors RF112 Datasheet HTML 11Page - NXP Semiconductors RF112 Datasheet HTML 12Page - NXP Semiconductors RF112 Datasheet HTML 13Page - NXP Semiconductors RF112 Datasheet HTML 14Page - NXP Semiconductors RF112 Datasheet HTML 15Page - NXP Semiconductors RF112 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Table 2. Absolute maximum ratings1,2 (continued)
Characteristic
Symbol
Min
Max
Unit
Notes
Maximum voltage on non-supply pins
Digital pins, incl. GPIO:s
-0.50
2.00
V
Analo pins
-0.50
1.1
V
Latch-up
Pass
JESD78
Maximum RF input
+5
dBm
Peak
power, all
frequenc
y bands
Max ESD voltage, HBM
RF pins and BB pins
1000
V
ANSI-
ESDA-
JEDEC
JS-011-2
011
Other pins
2000
V
Max ESD voltage, CDM
RF pins and BB pins
250
V
ANSI-
ESDA-
JEDEC
JS-011-2
011
Other pins
500
V
Storage temperature
TSTG
-55
150
° C
Notes:
1. Functional operating conditions are given in this table are stress ratings only, and functional operation at the maximums is
not guaranteed. Stresses beyond those listed may affect device reliability or cause permanent damage to the device.
2. Exposing device to Absolute Maximum Ratings conditions for long periods of time may affect reliability or cause permanent
damage.
3.1.2 Recommended operating conditions
This table provides the recommended operating conditions for this chip.
NOTE
The values shown are the recommended operating conditions
and proper device operation outside these conditions is not
guaranteed.
Table 3. Recommended operating conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Notes
Analog supply
voltage
VDD_RX1
VDD_XO
VDD_RO1
VDD_BB1
VDD_SYNTH
VDD_BB2
1.62
1.62
1.62
1.62
1.62
1.62
1.67
1.67
1.67
1.67
1.67
1.67
1.72
1.72
1.72
1.72
1.72
1.72
V
V
V
V
V
V
Table continues on the next page...
Electrical characteristics
RF112 Transceiver Data Sheet, Rev. 1 Draft B, 05/2024
12
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com