Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 33Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 34Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 286 page
background image
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
Freescale Semiconductor
37
Chapter 3
Low-Power Modes
3.1 Introduction
The MCU may enter two low-power modes: wait mode and stop mode. They are common to all HC08
MCUs and are entered through instruction execution. This section describes how each module acts in the
low-power modes.
3.1.1 Wait Mode
The WAIT instruction puts the MCU in a low-power standby mode in which the CPU clock is disabled but
the bus clock continues to run. Power consumption can be further reduced by disabling the LVI module
and/or the timebase module through bits in the CONFIG register. (See Chapter 8 Configuration Register
(CONFIG).)
3.1.2 Stop Mode
Stop mode is entered when a STOP instruction is executed. The CPU clock is disabled and the bus clock
is disabled if the OSCSTOPENB bit in the CONFIG register is at a logic 0. (See Chapter 8 Configuration
Register (CONFIG).)
3.2 Analog-to-Digital Converter (ADC)
3.2.1 Wait Mode
The ADC continues normal operation during wait mode. Any enabled CPU interrupt request from the ADC
can bring the MCU out of wait mode. If the ADC is not required to bring the MCU out of wait mode, power
down the ADC by setting ADCH4–ADCH0 bits in the ADC status and control register before executing the
WAIT instruction.
3.2.2 Stop Mode
The ADC module is inactive after the execution of a STOP instruction. Any pending conversion is aborted.
ADC conversions resume when the MCU exits stop mode after an external interrupt. Allow one
conversion cycle to stabilize the analog circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com