Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 286 page
background image
Configuration Register (CONFIG)
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
90
Freescale Semiconductor
OSCSTOPENB— Oscillator Stop Mode Enable Bar Bit
OSCSTOPENB enables the oscillator to continue operating during stop mode. Setting the
OSCSTOPENB bit allows the oscillator to operate continuously even during stop mode. This is useful
for driving the timebase module to allow it to generate periodic wakeup while in stop mode. (See Clock
Generator Module (CGM) subsection Stop Mode.)
1 = Oscillator enabled to operate during stop mode
0 = Oscillator disabled during stop mode (default)
SCIBDSRC — SCI Baud Rate Clock Source Bit
SCIBDSRC controls the clock source used for the SCI. The setting of this bit affects the frequency at
which the SCI operates.
1 = Internal data bus clock used as clock source for SCI
0 = External oscillator used as clock source for SCI
COPRS — COP Rate Select Bit
COPRS selects the COP timeout period. Reset clears COPRS. See Chapter 9 Computer Operating
Properly (COP).
1 = COP timeout period = 8176 CGMXCLK cycles
0 = COP timeout period = 262,128 CGMXCLK cycles
LVISTOP — LVI Enable in Stop Mode Bit
When the LVIPWRD bit is clear, setting the LVISTOP bit enables the LVI to operate during stop mode.
Reset clears LVISTOP. See Stop Mode.
1 = LVI enabled during stop mode
0 = LVI disabled during stop mode
LVIRSTD — LVI Reset Disable Bit
LVIRSTD disables the reset signal from the LVI module. See Chapter 14 Low-Voltage Inhibit (LVI).
1 = LVI module resets disabled
0 = LVI module resets enabled
LVIPWRD — LVI Power Disable Bit
LVIPWRD disables the LVI module. See Chapter 14 Low-Voltage Inhibit (LVI).
1 = LVI module power disabled
0 = LVI module power enabled
LVI5OR3 — LVI 5V or 3V Operating Mode Bit
LVI5OR3 selects the voltage operating mode of the LVI module. See Chapter 14 Low-Voltage Inhibit
(LVI). The voltage mode selected for the LVI should match the operating VDD. See Chapter 23
Electrical Specifications for the LVI’s voltage trip points for each of the modes.
1 = LVI operates in 5V mode.
0 = LVI operates in 3V mode.
SSREC — Short Stop Recovery Bit
Address:
$001F
Bit 7
654321
Bit 0
Read:
COPRS
LVISTOP
LVIRSTD
LVIPWRD
LVI5OR3
SSREC
STOP
COPD
Write:
Reset:
0000
See Note
000
Note: LVI5OR3 bit is only reset via POR (power-on reset)
Figure 8-2. Configuration Register 1 (CONFIG1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com