Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC908GR4MP Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 52Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 53Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 286 page
background image
Resets and Interrupts
MC68HC908GR8 • MC68HC908GR4 Data Sheet, Rev. 7
54
Freescale Semiconductor
4.3.3.1 Interrupt Status Register 1
IF6–IF1 — Interrupt Flags 6–1
These flags indicate the presence of interrupt requests from the sources shown in Table 4-2.
1 = Interrupt request present
0 = No interrupt request present
Bit 1 and Bit 0 — Always read 0
4.3.3.2 Interrupt Status Register 2
IF14–IF8 — Interrupt Flags 14–7
These flags indicate the presence of interrupt requests from the sources shown in Table 4-2.
1 = Interrupt request present
0 = No interrupt request present
Bit 0 — Always reads 0
4.3.3.3 Interrupt Status Register 3
IF16–IF15 — Interrupt Flags 16–15
This flag indicates the presence of an interrupt request from the source shown in Table 4-2.
1 = Interrupt request present
0 = No interrupt request present
Bits 7–2 — Always read 0
Address:
$FE04
Bit 7
654321
Bit 0
Read:
IF6
IF5
IF4
IF3
IF2
IF1
0
0
Write:
RRRRRRRR
Reset:
00000000
R = Reserved
Figure 4-6. Interrupt Status Register 1 (INT1)
Address:
$FE05
Bit 7
654321
Bit 0
Read:
IF14
IF13
IF12
IF11
IF10
IF9
IF8
0
Write:
RRRRRRRR
Reset:
00000000
R = Reserved
Figure 4-7. Interrupt Status Register 2 (INT2)
Address:
$FE06
Bit 7
654321
Bit 0
Read:
000000
IF16
IF15
Write:
RRRRRRRR
Reset:
00000000
R = Reserved
Figure 4-8. Interrupt Status Register 3 (INT3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com